Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3141 Datasheet(PDF) 49 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 49 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 45Page - Dallas Semiconductor DS3141 Datasheet HTML 46Page - Dallas Semiconductor DS3141 Datasheet HTML 47Page - Dallas Semiconductor DS3141 Datasheet HTML 48Page - Dallas Semiconductor DS3141 Datasheet HTML 49Page - Dallas Semiconductor DS3141 Datasheet HTML 50Page - Dallas Semiconductor DS3141 Datasheet HTML 51Page - Dallas Semiconductor DS3141 Datasheet HTML 52Page - Dallas Semiconductor DS3141 Datasheet HTML 53Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
49 of 88
Register Name:
BSRL
Register Description:
BERT Status Register Latched
Register Address:
39h
Bit #
7
6
5
4
3
2
1
0
Name
N/A
N/A
RA1L
RA0L
BEDL
BBCOL
BECOL
SYNCL
Default
—
—
—
—
—
—
—
—
Note: See Figure 7-6 for details on the interrupt logic for the status bits in the BSRL register.
Bit 0: Synchronization Status Latched (SYNCL). This latched status bit is set to 1 when the SYNC status bit in
the BSR register changes state (low to high or high to low). To determine if this bit was set because of finding
synchronization or losing synchronization, read the SYNC real-time status bit in the BSR register. SYNCL is
cleared when the host processor writes a 1 to it and is not set again until SYNC changes state again. When
SYNCL is set, it can cause a hardware interrupt to occur if the SYNCIE bit in the BSRIE register and the BERTIE
bit in the MSRIE register are both set to 1. The interrupt is cleared when this bit is cleared or one or both of the
interrupt-enable bits are cleared.
Bit 1: BERT Error-Counter Overflow Latched (BECOL). This latched status bit is set to 1 when the BECO status
bit in the BSR register goes high. BECOL is cleared when the host processor writes a one to it and is not set again
until BECO goes high again. When BECOL is set, it can cause a hardware interrupt to occur if the BECOIE bit in
the BSRIE register and the BERTIE bit in the MSRIE register are both set to a 1. The interrupt is cleared when this
bit is cleared or one or both of the interrupt-enable bits are cleared.
Bit 2: BERT Bit-Counter Overflow Latched (BBCOL). This latched status bit is set to 1 when the BBCO status bit
in the BSR register goes high. BBCOL is cleared when the host processor writes a 1 to it and is not set again until
BBCO goes high again. When BBCOL is set, it can cause a hardware interrupt to occur if the BBCOIE bit in the
BSRIE register and the BERTIE bit in the MSRIE register are both set to 1. The interrupt is cleared when this bit is
cleared or one or both of the interrupt-enable bits are cleared.
Bit 3: Bit Error-Detected Latched (BEDL). This latched status bit is set to 1 when a bit error is detected. The
receive BERT must be in synchronization to detect bit errors. BEDL is cleared when the host processor writes a 1
to it. When BEDL is set it can cause a hardware interrupt to occur if the BEDIE bit in the BSRIE register and the
BERTIE bit in the MSRIE register are both set to 1. The interrupt is cleared when this bit is cleared or one or both
of the interrupt-enable bits are cleared.
Bit 4: Receive All-Zeros Latched (RA0L). This latched status bit is set to 1 when the RA0 bit in the BSR register
is set. RA0L is cleared when the host processor writes a 1 to it. RA0L cannot cause an interrupt.
Bit 5: Receive All-Ones Latched (RA1L). This latched status bit is set to 1 when the RA1 bit in the BSR register is
set. RA1L is cleared when the host processor writes a 1 to it. RA1L cannot cause an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com