Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8906 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8906
Description  AM/FM Digital Phase-Locked Loop Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8906 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8906 Datasheet HTML 1Page - National Semiconductor (TI) DS8906 Datasheet HTML 2Page - National Semiconductor (TI) DS8906 Datasheet HTML 3Page - National Semiconductor (TI) DS8906 Datasheet HTML 4Page - National Semiconductor (TI) DS8906 Datasheet HTML 5Page - National Semiconductor (TI) DS8906 Datasheet HTML 6Page - National Semiconductor (TI) DS8906 Datasheet HTML 7Page - National Semiconductor (TI) DS8906 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
(VCC1)7V
(VCCM)7V
Input Voltage
7V
Output Voltage
7V
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
VCC1
475
525
V
VCCM
45
60
V
Temperature TA
070
C
DC Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical ‘‘1’’ Input Voltage
21
V
IIH
Logical ‘‘1’’ Input Current
VINeVCC1
010
m
A
VIL
Logical ‘‘0’’ Input Voltage
07
V
IIL
Logical ‘‘0’’ Input Current
Data Clock and ENABLE INPUTS VINe0V
b
5
b
25
m
A
IOH
Logical ‘‘1’’ Output Current
50
m
A
All Bit Outputs 50 Hz Output
VOHe525V
500 kHz Output
VOHe24V VCCMe45V
b
250
m
A
VOL
Logical ‘‘0’’ Output Voltage
05
V
All Bit Outputs
IOLe5mA
50 Hz Output 500 kHz Output IOLe250 mA
b
05
V
ICC1
Supply Current (VCC1)
All Bit Outputs High
90
160
mA
ICCM(STANDBY) VCCM Supply Current
VCCMe60V All Other Pins Open
15
40
mA
IOUT
Charge Pump Output Current
12VsVOUTsVCCMb12V
Pump Up
b
010
b
030
b
06
mA
VCCMs60V
Pump Down
010
030
06
mA
TRI-STATE
0
g
100
nA
ICCM(OPERATE) VCCM Supply Current
VCCMe60V VCC1e525V
25
60
mA
All Other Pins Open
AC Electrical Characteristics VCC e 5V TA e 25 C tr s 10 ns tf s 10 ns
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN(MIN)(F)
FIN Minimum Signal Input
AM and FM Inputs 0 C s TA s 70 C
20
100
mV (rms)
VIN(MAX)(F)
FIN Maximum Signal Input
AM and FM Inputs 0 C s TA s 70 C
1000
1500
mV (rms)
FOPERATE
Operating Frequency Range
VIN e 100 mV rms
AM
04
8
MHz
(Sine Wave Input)
0 C s TA s 70 C
FM
60
120
MHz
RIN (FM)
AC Input Resistance FM
120 MHz VIN e 100 mV rms
300
X
RIN (AM)
AC Input Resistance AM
2 MHz VIN e 100 mV rms
1000
X
CIN
Input Capacitance FM and AM
VIN e 120 MHz
3
6
10
pF
tEN1
Minimum ENABLE High
625
1250
ns
Pulse Width
tEN0
Minimum ENABLE Low
375
750
ns
Pulse Width
tCLKEN0
Minimum Time before ENABLE
Goes Low that CLOCK must
b
50
0
ns
be Low
tEN0CLK
Minimum Time after ENABLE
Goes Low that CLOCK must
275
550
ns
Remain Low
tCLKEN1
Minimum Time before ENABLE
Goes High that Last Positive
300
600
ns
CLOCK Edge May Occur
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com