Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE335 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE335
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE335 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE335 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE335 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE335 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE335 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE335 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: TNC Male
• Cable Type: PE-P300LL
Features
• 83% Velocity of Propagation
• Shielding effectiveness > 95 dB
• Maximum VSWR is < 1.35:1 to 18 GHz
• Minimum Bend Radius of 1.5 inches
• Operating Temperature range of -55 to +125 °C
• ROHS and REACH Compliant
• Same day shipment of custom lengths
• 100% Continuity and RF tested
.
Description
The PE330 high performance test cable’s 0.3 inch diameter and 83% phase velocity offer very low loss performance up to 18
GHz. The durable stainless steel connectors and FEP jacket provide a cost effective design ideal for test environments where
a rugged cable assembly is required. The series is offered with Type N, TNC, and SMA connectors all rated to 18 GHz. A
heavy Duty boot provides improved strain relief and adds to the durability of the cable assemblies. These cable assemblies
are built using a double shielded flexible cable, providing excellent shielding effectiveness of greater than 95 dB. All PE330
cable assemblies are 100% Continuity and RF tested to published specifications. Custom lengths are built to order and
shipped same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.35:1
Velocity of Propagation
83
%
RF Shielding
95
dB
Capacitance
25 [82.02]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS PE335
PE335 REV 1.2
N Male to TNC Male Low Loss Test Cable
Using PE-P300LL Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE335


Similar Part No. - PE335

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE335-100CM PASTERNACK-PE335-100CM Datasheet
419Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE335-12 PASTERNACK-PE335-12 Datasheet
419Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE335-150CM PASTERNACK-PE335-150CM Datasheet
419Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE335-200CM PASTERNACK-PE335-200CM Datasheet
419Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE335-24 PASTERNACK-PE335-24 Datasheet
419Kb / 5P
RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE335

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3W03154-12 PASTERNACK-PE3W03154-12 Datasheet
434Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3C4447-72 PASTERNACK-PE3C4447-72 Datasheet
485Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-6 PASTERNACK-PE3C4448-6 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-72 PASTERNACK-PE3C4448-72 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4451-72 PASTERNACK-PE3C4451-72 Datasheet
504Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4452-6 PASTERNACK-PE3C4452-6 Datasheet
506Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4453-60 PASTERNACK-PE3C4453-60 Datasheet
499Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-6 PASTERNACK-PE3C4454-6 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-24 PASTERNACK-PE3C4454-24 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4455-24 PASTERNACK-PE3C4455-24 Datasheet
449Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com