Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP05AL Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP05AL
Description  5W 3KVAC Isolation Wide Input AC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05AL Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP05AL Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05AL Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05AL Datasheet HTML 3Page - Toppower Electronic Technology Limited TP05AL Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP05AL Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 / 4
DESCRIPTION:
TP05AL series is an economical open frame AC/DC switching power supply,The rated output power is 5W
with wide input voltage range, for both AC input and DC input application. High reliability, Low power
consumption, safety isolation .Widely used in industrial control and electrical instrumentation, smart home,etc.
5W 3KVAC Isolation Wide Input AC/DC Converters
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Low Ripple &Noise
High efficiency, high power density, miniature
Low power consumption≤50mW
Overheat protection ,Over current protection
International standard Footprint&Pinouts
Industrial product design
Operating temperature : -40℃ to 70℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency (Typ. )
%
Ripple &Noise
mVp-p
( Typ.)
Voltage (VAC)
Voltag
(VDC)
Current
(A)
Rated
Range values
TP05AL220S03W
220(4:1)
85-305
3.3
1.00
67
50
TP05AL220S05W
220(4:1)
85-305
5
1.00
74
50
TP05AL220S09W
220(4:1)
85-305
9
0.55
76
50
TP05AL220S12W
220(4:1)
85-305
12
0.42
78
50
TP05AL220S15W
220(4:1)
85-305
15
0.33
80
50
TP05AL220S24W
220(4:1)
85-305
24
0.21
82
50
All specifications typical at TA=25
°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Output Voltage accuracy (3.3Voutput)
±2.0%
Output Voltage accuracy (others)
±1.0%
Line regulation (3.3V output)
±1.0%
Line regulation (others)
±0.5%
Load regulation (3.3V output)
±1.5%
Load regulation (others)
±1.0%
Start rising time
(Typ.)
10ms/230VAC
Output hold time
(Typ.)
50ms/230VAC
INPUT CHARACTERISTICS
Input Voltage
85-305VAC
Nominal Input Voltage
100-240VAC
Input frequency
47 ~ 63Hz
Input Current ( Typ.)
120mA / 115VAC
60m A / 230VAC
Inrush current( Typ.)
Cold start 40A / 230 VAC
Leakage current( Typ.)
<1mA at 230VAC/50Hz
PROTECTION CHARACTERISTICS
Over-current protection
120--150% load, Automatic recovery after troubleshooting
Over-voltage protection
yes
ENVIRONMENT CHARACTERISTICS
Operating temperature
-40 ~ +70 ℃ (According to the output load derating curve)
Operating humidity
85% .RH max
Storage temperature
–40 ~ +85, 10 ~ 95% RH
Temperature coefficient
0.03%/ (0~ 50
)
℃
Vibration coefficient
10~500Hz,2G10min./1cycle, 60min.each along X,Y,Z axes
Cooling method
Natural cooling


Similar Part No. - TP05AL

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05AL TOPPOWER-TP05AL Datasheet
789Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL TOPPOWER-TP05AL Datasheet
847Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL220S03W TOPPOWER-TP05AL220S03W Datasheet
789Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL220S03W TOPPOWER-TP05AL220S03W Datasheet
847Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL220S05W TOPPOWER-TP05AL220S05W Datasheet
789Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP05AL

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP15AS TOPPOWER-TP15AS Datasheet
509Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL TOPPOWER-TP05AL_19 Datasheet
789Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP15AU TOPPOWER-TP15AU Datasheet
772Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL_19 TOPPOWER-TP05AL_19_04 Datasheet
847Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS_V01 Datasheet
848Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR_V01 Datasheet
245Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AD TOPPOWER-TP03AD Datasheet
793Kb / 3P
3W, 5W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com