Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE350 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE350
Description  SMA Male to SMA Male Cable Using PEP141Coax with HeatShrink, LF Solder, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE350 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE350 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE350 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE350 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE350 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
3
5
10
18
26.5
GHz
Insertion Loss (Typ.)
0.2
0.26
0.4
0.58
0.75
dB/ft
[0.66]
[0.85]
[1.31]
[1.9]
[2.46]
[dB/m]
VSWR (Max.)
1.35:1
1.35:1
1.35:1
1.35:1
1.45:1
.
Electrical Specification Notes:
Insertion loss does not include the loss of the connectors.
Insertion loss is estimated as 0.05 x sqrt(fGHz) dB per connector.
Short lengths up to 12” long may exhibit VSWR measurements up to 9% higher.
Amplitude variation not to exceed 10% in a coiled vs uncoiled, a coil is defined as a 4% loop.
Mechanical Specifications
Cable Assembly
.
Weight
0.101 lbs [45.81 g]
Cable
Cable Type
PE-P141
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP, Blue
Jacket Diameter
0.163 in [4.14 mm]
.
Repeated Minimum Bend Radius
0.82 in [20.83 mm]
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Male
Impedance
50 Ohms
50 Ohms
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Hex Size
5/16 inch
5/16 inch
Torque
8 in-lbs [0.9 Nm]
8 in-lbs [0.9 Nm]
.
PE350 REV 1.4
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable Using PE-P141 Coax with HeatShrink, LF Solder, RoHS PE350
RF Cable Assemblies Technical Data Sheet
PE350
SMA Male to SMA Male Cable Using PE-
P141 Coax with HeatShrink, LF Solder, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com