Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE351 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE351
Description  SMA Male to SMA Male Right Angle Low Loss Cable Using PE-P141 Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE351 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE351 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE351 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE351 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
SMA Male
Connector 2
SMA Male Right Angle
Cable Type
PE-P141
Electrical Specifications
Frequency Range
DC to 18 GHz
Impedance
50 Ohms
Maximum VSWR
1.4:1
Maximum Insertion Loss
1 dB/ft [3.28 dB/m]
Velocity of Propagation
70 %
RF Shielding
110 dB
Typical Performance by Frequency
Frequency 1
Frequency
6 GHz
VSWR
1.15:1
Insertion Loss,
0.4 dB/ft [1.31 dB/m]
Frequency 2
Frequency
12 GHz
VSWR
1.3:1
Insertion Loss
0.6 dB/ft [1.97 dB/m]
Frequency 3
Frequency
18 GHz
VSWR
1.4:1
Insertion Loss
0.75 dB/ft [2.46 dB/m]
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +200 deg C
Size
Diameter
0.74 in [18.8 mm]
.
Cable Color
Blue
One Time Minimum Bend Radius
0.8 in [20.32 mm]
Cable
Cable Type
PE-P141
Inner Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
2
Cable Outer Conductor
Copper, Silver
Dielectric Type
PTFE
Jacket Material
FEP
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Right Angle Low Loss Cable Using PE-P141 Coax, RoHS PE351
PE351 REV 1.0
PE351
SMA Male to SMA Male Right Angle Low Loss
Cable Using PE-P141 Coax, RoHS


Similar Part No. - PE351

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE351-100CM PASTERNACK-PE351-100CM Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 100 CM Length Using PE-P141 Coax, RoHS
PE351-12 PASTERNACK-PE351-12 Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 12 Inch Length Using PE-P141 Coax, RoHS
PE351-120 PASTERNACK-PE351-120 Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 120 Inch Length Using PE-P141 Coax, RoHS
PE351-150CM PASTERNACK-PE351-150CM Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 150 CM Length Using PE-P141 Coax, RoHS
PE351-200CM PASTERNACK-PE351-200CM Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 200 CM Length Using PE-P141 Coax, RoHS
More results

Similar Description - PE351

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE351-12 PASTERNACK-PE351-12 Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 12 Inch Length Using PE-P141 Coax, RoHS
PE351-24 PASTERNACK-PE351-24 Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 24 Inch Length Using PE-P141 Coax, RoHS
PE351-36 PASTERNACK-PE351-36 Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 36 Inch Length Using PE-P141 Coax, RoHS
PE351-48 PASTERNACK-PE351-48 Datasheet
454Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 48 Inch Length Using PE-P141 Coax, RoHS
PE351-50CM PASTERNACK-PE351-50CM Datasheet
465Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 50 CM Length Using PE-P141 Coax, RoHS
PE351-60 PASTERNACK-PE351-60 Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 60 Inch Length Using PE-P141 Coax, RoHS
PE351-72 PASTERNACK-PE351-72 Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 72 Inch Length Using PE-P141 Coax, RoHS
PE351-100CM PASTERNACK-PE351-100CM Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 100 CM Length Using PE-P141 Coax, RoHS
PE351-150CM PASTERNACK-PE351-150CM Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 150 CM Length Using PE-P141 Coax, RoHS
PE351-200CM PASTERNACK-PE351-200CM Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 200 CM Length Using PE-P141 Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com