Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE356 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE356
Description  SMA Female to N Male Cable Using PE-P141 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE356 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE356 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE356 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE356 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE356 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +125 deg C
Size
.
Cable Color
Blue
Cable
Cable Type
PE-P141
Inner Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
2
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter
0.163 in [4.14 mm]
Connector 1
Type
SMA Female
Configuration
Straight
Body Material and Plating
Passivated Stainless Steel
Connector 2
Type
N Male
Configuration
Straight
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE356 REV 1.0
PE356
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to N Male Cable Using PE-P141 Coax, RoHS PE356
SMA Female to N Male Cable Using PE-P141 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com