Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS140 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS140
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS140 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS140 Datasheet HTML 1Page - Sanyo Semicon Device FSS140 Datasheet HTML 2Page - Sanyo Semicon Device FSS140 Datasheet HTML 3Page - Sanyo Semicon Device FSS140 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSS140
No.6787-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
RDS(on)1
ID=--5A, VGS=--10V
45
59
m
Ω
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--4A, VGS=--4.5V
75
105
m
Ω
RDS(on)3
ID=--4A, VGS=--4V
80
112
m
Ω
Input Capacitance
Ciss
VDS=--10V, f=1MHz
1000
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
250
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
160
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
10
ns
Rise Time
tr
See specified Test Circuit
80
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
52
ns
Fall Time
tf
See specified Test Circuit
41
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--5A
19
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--5A
2
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--5A
4
nC
Diode Forward Voltage
VSD
IS=--5A, VGS=0
--0.83
--1.5
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
Ω
G
S
ID= --5A
RL=3.0Ω
VDD= --15V
VOUT
VIN
D
FSS140
--6
--5
--4
--3
--2
--1
0
0
--0.1
--0.2
--0.3
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
VGS= --2.5V
--3.0V
0
--8
--7
--6
--5
--4
--3
--2
--1
0
--0.5
--1.0
--1.5
--2.0
--3.5
--2.5
--3.0
140
120
80
40
100
60
20
0
0
--4
--8
--12
--16
--20
--2
--6
--10
--14
--18
Ta=25
°C
ID= --4A
--5A
0
140
120
80
40
100
60
20
--60
--40
--20
0
20
40
60
80
100
120
160
140
I D=
--4A,
V GS
= --4.0V
ID=
--4A,
VGS
= --4.5V
ID= -
-5A, VGS
= --10.0V
VDS= --10V
ID -- VDS
ID -- VGS
RDS(on) -- VGS
RDS(on) -- Ta
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
IT02537
IT02538
IT02539
IT02540



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com