Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7265BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7265BCPZ
Description  Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7265BCPZ Datasheet HTML 15Page - Analog Devices AD7265BCPZ Datasheet HTML 16Page - Analog Devices AD7265BCPZ Datasheet HTML 17Page - Analog Devices AD7265BCPZ Datasheet HTML 18Page - Analog Devices AD7265BCPZ Datasheet HTML 19Page - Analog Devices AD7265BCPZ Datasheet HTML 20Page - Analog Devices AD7265BCPZ Datasheet HTML 21Page - Analog Devices AD7265BCPZ Datasheet HTML 22Page - Analog Devices AD7265BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD7265
Data Sheet
Rev. B | Page 18 of 28
TRANSFER FUNCTIONS
The designed code transitions occur at successive integer LSB
values (1 LSB, 2 LSB, and so on). In single-ended mode, the LSB
size is VREF/4096 when the 0 V to VREF range is used, and the LSB
size is 2 × VREF/4096 when the 0 V to 2 × VREF range is used. In
differential mode, the LSB size is 2 × VREF/4096 when the 0 V to
VREF range is used, and the LSB size is 4 × VREF/4096 when the
0 V to 2 × VREF range is used. The ideal transfer characteristic
for the AD7265 when straight binary coding is output is shown
in Figure 32, and the ideal transfer characteristic for the AD7265
when twos complement coding is output is shown (with the 2 ×
VREF range) in Figure 33.
000...000
111...111
1LSB = VREF/4096
1LSB
VREF – 1LSB
ANALOG INPUT
0V
000...001
000...010
111...110
111...000
011...111
NOTE
1. VREF IS EITHER VREF OR 2 × VREF.
Figure 32. Straight Binary Transfer Characteristic
100...000
011...111
1LSB = 2
VREF/4096
+VREF – 1 LSB
–VREF + 1LSB VREF – 1LSB
ANALOG INPUT
100...001
100...010
011...110
000...001
000...000
111...111
Figure 33. Twos Complement Transfer Characteristic with
VREF ± VREF Input Range
DIGITAL INPUTS
The digital inputs applied to the AD7265 are not limited by the
maximum ratings that limit the analog inputs. Instead, the
digital inputs can be applied up to 7 V and are not restricted by
the VDD + 0.3 V limit, as are the analog inputs. See the Absolute
Maximum Ratings section for more information. Another
advantage of the SCLK, RANGE, A0 to A2, and CS pins not
being restricted by the VDD + 0.3 V limit is that power supply
sequencing issues are avoided. If one of these digital inputs is
applied before VDD, there is no risk of latch-up, as there would
be on the analog inputs if a signal greater than 0.3 V were
applied prior to VDD.
VDRIVE
The AD7265 also has a VDRIVE feature to control the voltage at
which the serial interface operates. VDRIVE allows the ADC to
easily interface to both 3 V and 5 V processors. For example, if
the AD7265 was operated with a VDD of 5 V, the VDRIVE pin
could be powered from a 3 V supply, allowing a large dynamic
range with low voltage digital processors. Therefore, the
AD7265 could be used with the 2 × VREF input range, with a VDD
of 5 V while still being able to interface to 3 V digital parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com