Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7621 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7621
Description  16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7621 Datasheet HTML 11Page - Analog Devices AD7621 Datasheet HTML 12Page - Analog Devices AD7621 Datasheet HTML 13Page - Analog Devices AD7621 Datasheet HTML 14Page - Analog Devices AD7621 Datasheet HTML 15Page - Analog Devices AD7621 Datasheet HTML 16Page - Analog Devices AD7621 Datasheet HTML 17Page - Analog Devices AD7621 Datasheet HTML 18Page - Analog Devices AD7621 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AD7621
Rev. 0 | Page 14 of 32
INPUT LEVEL (dB)
89.5
91.0
90.5
90.0
–60
–50
–40
–30
–20
–10
SNR
SINAD
0
Figure 17. SNR and SINAD vs. Input Level (Referred to Full Scale)
TEMPERATURE (
°C)
0
16
14
12
10
8
6
4
2
200
280
270
260
250
240
230
220
210
–55
–35
–15
5
25
45
65
85
105
125
AVDD
DVDD
OVDD, 3.3V
OVDD, 2.5V
Figure 18. Power-Down Operating Currents vs. Temperature
SAMPLING RATE (SPS)
0.1
100k
10k
1k
100
10
1
10
100
1k
10k
100M
1M
10M
AVDD, WARP/NORMAL
AVDD, IMPULSE
DVDD, ALL MODES
OVDD, 2.5V, ALL MODES
PDREF = PDBUF = HIGH
OVDD = 3.3V, ALL MODES
Figure 19. Operating Current vs. Sample Rate
CL (pF)
4
6
8
10
12
14
16
18
20
0
50
100
150
200
OVDD = 2.5V @ 85
°C
OVDD = 2.5V @ 25
°C
OVDD = 3.3V @ 85
°C
OVDD = 3.3V @ 25
°C
Figure 20. Typical Delay vs. Load Capacitance CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com