Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7667AST Datasheet(PDF) 27 Page - Analog Devices

Part # AD7667AST
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7667AST Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7667AST Datasheet HTML 21Page - Analog Devices AD7667AST Datasheet HTML 22Page - Analog Devices AD7667AST Datasheet HTML 23Page - Analog Devices AD7667AST Datasheet HTML 24Page - Analog Devices AD7667AST Datasheet HTML 25Page - Analog Devices AD7667AST Datasheet HTML 26Page - Analog Devices AD7667AST Datasheet HTML 27Page - Analog Devices AD7667AST Datasheet HTML 28Page - Analog Devices AD7667AST Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AD7667
Rev. 0 | Page 26 of 28
MICROPROCESSOR INTERFACING
The AD7667 is ideally suited for traditional dc measurement
applications supporting a microprocessor, and for ac signal
processing applications interfacing to a digital signal processor.
The AD7667 is designed to interface either with a parallel 8-bit
or 16-bit wide interface, or with a general-purpose serial port or
I/O ports on a microcontroller. A variety of external buffers can
be used with the AD7667 to prevent digital noise from coupling
into the ADC. The following section discusses the use of an
AD7667 with an ADSP-219x SPI equipped DSP.
SPI Interface (ADSP-219x)
Figure 44 shows an interface diagram between the AD7667 and
the SPI equipped ADSP-219x. To accommodate the slower
speed of the DSP, the AD7667 acts as a slave device and data
must be read after conversion. This mode also allows the daisy-
chain feature. The convert command can be initiated in
response to an internal timer interrupt. The reading process can
be initiated in response to the end-of-conversion signal (BUSY
going LOW) using an interrupt line of the DSP. The serial inter-
face (SPI) on the ADSP-219x is configured for master mode—
(MSTR) = 1, Clock Polarity bit (CPOL) = 0, Clock Phase bit
(CPHA) = 1, and SPI Interrupt Enable (TIMOD) = 00—by
writing to the SPI control register (SPICLTx). To meet all timing
requirements, the SPI clock should be limited to 17 Mbps,
which allows it to read an ADC result in less than 1 µs. When a
higher sampling rate is desired, use of one of the parallel
interface modes is recommended.
AD7667*
ADSP-219x*
SER/PAR
PFx
MISOx
SCKx
PFx or TFSx
BUSY
SDOUT
SCLK
CNVST
EXT/INT
CS
RD
INVSCLK
DVDD
* ADDITIONAL PINS OMITTED FOR CLARITY
SPIxSEL (PFx)
Figure 44. Interfacing the AD7667 to an SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com