Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7680ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7680ARMZ
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD7680ARMZ Datasheet HTML 1Page - Analog Devices AD7680ARMZ Datasheet HTML 2Page - Analog Devices AD7680ARMZ Datasheet HTML 3Page - Analog Devices AD7680ARMZ Datasheet HTML 4Page - Analog Devices AD7680ARMZ Datasheet HTML 5Page - Analog Devices AD7680ARMZ Datasheet HTML 6Page - Analog Devices AD7680ARMZ Datasheet HTML 7Page - Analog Devices AD7680ARMZ Datasheet HTML 8Page - Analog Devices AD7680ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD7680
Rev. A | Page 4 of 24
SPECIFICATIONS1
Table 3. VDD = 2.5 V to 4.096 V, fSCLK = 2.5 MHz, fSAMPLE = 100 kSPS, unless otherwise noted; TA = TMIN to TMAX, unless otherwise noted.
Parameter
A Version1
B Version1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 10 kHz sine wave
Signal-to-Noise + Distortion (SINAD)2
83
83
dB min
VDD = 4.096 V
82
82
dB min
VDD = 2.5 V to 3.6 V
86
86
dB typ
Signal-to-Noise Ratio (SNR)2
84
84
dB min
VDD = 4.096 V
83
83
dB min
VDD = 2.5 V to 3.6 V
86
86
dB typ
Total Harmonic Distortion (THD) 2
−98
−98
dB typ
Peak Harmonic or Spurious Noise (SFDR)2
−95
−99
dB typ
Intermodulation Distortion (IMD)2
Second-Order Terms
−94
−94
dB typ
Third-Order Terms
−100
−100
dB typ
Aperture Delay
20
10
ns max
Aperture Jitter
30
30
ps typ
Full Power Bandwidth
7
7
MHz typ
@ −3 dB; VDD = 4.096 V
5
5
MHz typ
@ −3 dB; VDD = 2.5 V to 3.6 V
2
2
MHz typ
@ −0.1 dB; VDD = 4.096 V
1.6
1.6
MHz typ
@ −0.1 dB; VDD = 2.5 V to 3.6 V
DC ACCURACY
No Missing Codes
14
15
Bits min
Integral Nonlinearity2
±3.5
±3.5
LSB max
VDD = 4.096 V
±3
±3
LSB max
VDD = 2.5 V to 3.6 V
Offset Error2
±1.25
±1.25
mV max
VDD = 4.096 V
±1.098
±1.098
mV max
VDD = 2.5 V to 3.6 V
Gain Error2
±0.038
±0.038
% FS max
ANALOG INPUT
Input Voltage Ranges
0 to VDD
0 to VDD
V
DC Leakage Current
±0.3
±0.3
μA max
Input Capacitance
30
30
pF typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.4
0.4
V max
Input Current, IIN
±0.3
±0.3
μA max
Typically 10 nA, VIN = 0 V or VDD
Input Capacitance, CIN2, 3
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD − 0.2
VDD − 0.2
V min
ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±0.3
±0.3
μA max
Floating-State Output Capacitance2, 3
10
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
8
8
μs max
20 SCLK cycles with SCLK at 2.5 MHz
9.6
9.6
μs max
24 SCLK cycles with SCLK at 2.5 MHz
Track-and-Hold Acquisition Time
1.5
1.5
μs max
Full-scale step input
400
400
ns max
Sine wave input ≤ 10 kHz
Throughput Rate
100
100
kSPS
See the Serial Interface section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com