Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF31 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SF31
Description  3.0 A SUPRE FAST RECTIFIER -50V~600V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SF31 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SF31 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SF31 Datasheet HTML 2Page - PACELEADER INDUSTRIAL SF31 Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRIMARY CHARACTERISTICS
DO-201AD
PACKAGE
VRRM
50V~600V
IO
3A
VF
0.95V/1.25V
TJ,Max
150℃
FEATURES
MECHANICAL DATA
High reliability
Low leakage
Low forward voltage
High current capability
Super fast switching speed
High surge capability
Good for switching mode circuit
Moisture Sensitivity Level 1
Case:Molded plastic,DO-201AD
Polarity:Shown above
Lead: MIL-STD-202E method 208C
guaranteed
Epoxy : UL94-V0 rated flame
retardant
MAXIMUM RATINGS (At TA = 25℃ unless otherwise noted)
RATINGS
SYMBOL
SF31
SF32
SF33
SF34
SF35
SF36
SF38
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Volts
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Current
at TA = 55℃
IO
Amps
Peak Forward Surge Current IFM (surge):8.3 ms single
half
IFSM
Amps
Typical Junction Capacitance (Note 2)
CJ
pF
Operating Storage Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
ELECTRICAL CHARACTERISTICS (At TA = 25℃ unless otherwise noted)
CHARACTERISTICS
SYMBOL
SF31
SF32
SF33
SF34
SF35
SF36
SF38
UNITS
Marking Code
SF31
SF32
SF33
SF34
SF35
SF36
SF38
Maximum Forward Voltage at 3.0A DC
VF
1.75
Volts
Maximum DC Reverse Current
@TA = 25℃
at Rated DC Blocking Voltage
@TA =150℃
Maximum Reverse Recovery Time (Note 1)
trr
nSec
35
3.0
125
50
30
-55~150
-55~150
IR
0.95
1.25
uAmps
5.0
50
Marking Code : Part Number
Ex : SR31
S
VYM
Date Code
Marking Code
Logo
V:Product Lines
Y:1-digit BC year code, 4-2014,5-2015…etc
M:Month, EX : 1-1,2-2,---10-O,11-N,12-D
THRU
1
www.paceleader.tw
3.0 A SUPRE FAST RECTIFIER -50V~600V


Similar Part No. - SF31

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF31 MOSPEC-SF31 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
SF31 WTE-SF31 Datasheet
47Kb / 3P
3.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF31 ZOWIE-SF31 Datasheet
50Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF31 RECTRON-SF31 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
SF31 JGD-SF31 Datasheet
160Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF31

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG20SD50F SECOS-SFG20SD50F Datasheet
300Kb / 2P
Voltage 50V ~ 600V 20.0 Amp Super Fast Rectifier
logo
Frontier Electronics.
SF1005FCT FRONTIER-SF1005FCT Datasheet
1Mb / 2P
10A SUPER FAST RECOVERY RECTIFIER 50V-600V
SF1605FCT FRONTIER-SF1605FCT Datasheet
1Mb / 2P
16A SUPER FAST RECOVERY RECTIFIER 50V-600V
SF2005FCT FRONTIER-SF2005FCT Datasheet
1Mb / 2P
20A SUPER FAST RECOVERY RECTIFIER 50V-600V
logo
Taiwan Semiconductor Co...
SF11G-K TSC-SF11G-K Datasheet
428Kb / 6P
1A, 50V - 600V Glass Passivated Super Fast Rectifier
SF21G-T TSC-SF21G-T Datasheet
408Kb / 6P
2A, 50V - 600V Glass Passivated Super Fast Rectifier
SF31G-A TSC-SF31G-A Datasheet
415Kb / 6P
3A, 50V - 600V Glass Passivated Super Fast Rectifier
SFS1601GH TSC-SFS1601GH Datasheet
590Kb / 6P
16A, 50V - 600V Super Fast Surface Mount Rectifier
MUR305SH TSC-MUR305SH Datasheet
456Kb / 6P
3A, 50V - 600V Ultra Fast Surface Mount Rectifier
ES2AAH TSC-ES2AAH Datasheet
568Kb / 6P
2A, 50V - 600V Super Fast Surface Mount Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com