Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF51G Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SF51G
Description  5.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SF51G Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SF51G Datasheet HTML 1Page - PACELEADER INDUSTRIAL SF51G Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O
O
O
RATING AND CHARACTERISTICS CURVES
50 Θ
NONINDUCTIVE
10 Θ
NONINDUCTIVE
+0.5A
trr
5.0
4.0
( + )
25 Vdc
(approx)
( - )
D.U.T
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
( - )
PULSE
GENERATOR
(NOTE 2)
( + )
0
-0.25A
3.0
2.0
1.0 Single Phase
Half Wave 60Hz
Resistive or
NOTES: 1 Rise Time= 7ns max. Input Impedance =
1 megohm. 22pF.
2. Rise Time = 10nsmax. Source Impedance =
-1.0A
1cm
Inductive Load
0
50 ohms.
SET TIME BASE FOR 50/100 ns/cm
0
25
50
75
100
125
150
175
FIG.1 TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
AMBIENT TEMPERATURE, ( OC)
FIG.2 TYPICAL FORWARD CURRENT
DERATING CURVE
100
10
1.0
0.1
0.01
TA = 100 OC
TA = 75 C
TA = 25 C
20
10
3.0
1.0
0.3
0.1
0.03
0.01
TJ = 25 OC
SF58G
SF55G~SF56G
SF51G~SF54G
Pulse Width=300uS
1% Duty Cycle
0
20
40
60
80
100
120
140
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.3 TYPICAL REVERSE
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.4 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
200
100
50
30
20
10
8.3ms Single Half Sine-Wave
(JEDED Method)
200
100
60
40
20
10
6
4
2
1
SF55G~SF5
8G
SF51G~SF54G
TJ = 25 C
1
5
10
50
100
0.1 0.2
0.4
1.0
2
4
10
20
40
100
NUMBER OF CYCLES AT 60Hz
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
REVERSE VOLTAGE, (V)
FIG.6 TYPICAL JUNCTION CAPACITANCE
2
5.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
SF51G THRU SF58G
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com