Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL32-AL Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # SL32-AL
Description  3.0A LOW VF SCHOTTKY BARRIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SL32-AL Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  SL32-AL Datasheet HTML 1Page - PACELEADER INDUSTRIAL SL32-AL Datasheet HTML 2Page - PACELEADER INDUSTRIAL SL32-AL Datasheet HTML 3Page - PACELEADER INDUSTRIAL SL32-AL Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pinning information
2
1
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
SL32-AL
-TH
SL32
SL34-AL
-TH
SL34
Suggested solder pad layout
1
2
Dimensions in inches and (millimeters)
A
C
B
B
0.059 (1.50)
A
0.110 (2.80)
C
0.110 (2.80)
PACKAGE
SMA-L
Reel packing
Reel packing
SMA-L
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
SMA-L
7"
2,000
4.0
20,000
183*170*183
178
382*356*387
160,000
15.5
13"
7,500
4.0
15,000
337*337*37
330
350*330*360
120,000
14.2
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
3
www.paceleader.tw
SL32-AL
SL34-AL
&
Note: AL: Package code, SMA-L
-T: Taping Reel
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com