Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34-BL Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # SL34-BL
Description  3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SL34-BL Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  SL34-BL Datasheet HTML 1Page - PACELEADER INDUSTRIAL SL34-BL Datasheet HTML 2Page - PACELEADER INDUSTRIAL SL34-BL Datasheet HTML 3Page - PACELEADER INDUSTRIAL SL34-BL Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pinning information
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
SL32-B
SL32
SL34-B
SL34
1
2
Suggested solder pad layout
2
1
Dimensions in inches and (millimeters)
A
C
B
B
0.059 (1.50)
A
0.142 (3.60)
C
0.118 (3.00)
PACKAGE
SMB
Reel packing
SMB
-L
4,000
8.0
8,000
337*337*37
330
350*330*360
64,000
16.9
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
13"
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
3
www.paceleader.tw
SL32-BL
SL34-BL
&
Note: BL: Package code, SMB-L
-T: Taping Reel
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com