Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL53-A Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SL53-A
Description  5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SL53-A Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SL53-A Datasheet HTML 1Page - PACELEADER INDUSTRIAL SL53-A Datasheet HTML 2Page - PACELEADER INDUSTRIAL SL53-A Datasheet HTML 3Page - PACELEADER INDUSTRIAL SL53-A Datasheet HTML 4Page - PACELEADER INDUSTRIAL SL53-A Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRIMARY CHARACTERISTICS
SMA(DO-214AC)
PACKAGE
PD
2.25W
VRRM
20V,30V,40V
I(AV)
5.0A
VF
0.45V
TJ,Max
150℃
FEATURES
MECHANICAL DATA
Metal-Semiconductor junction with
gard ring
Epitaxial construction
Low forward voltage drop
High current capability
For use in low vlotage, high frequency
inverters, free wheeling, and polarity
protection applications
Moisture Sensitivity Level 1
Case:Molded
plastic,SMA(DO-214AC)
Polarity:Indicated by cathode band
Terminals :Plated terminals,
solderable per MIL-STD-750,Method
2026
Epoxy : UL94-V0 rated flame
retardant
CHARACTERISTICS
SYMBOL
SL52-A
SL53-A
SL54-A
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
V
Maximum RMS Voltage
VRMS
14
21
28
V
Maximum DC Blocking Voltage
VDC
20
30
40
V
Maximum Average Forward Rectified Current
0.375″(9.5mm) Lead Lengths
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Maximum Forward Voltage at 5.0A DC
VF
0.45
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=100℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
℃
/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
15
I(AV)
IFSM
5.0
150
1.0
50
IR
-55 to +150
-55 to +150
A
A
mA
NOTES: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
500
2.Thermal resistance junction to ambient,
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Marking : SS52L,SS53L
SS54L
Ex : SL52-A
S
VYM
Date Code
Marking Code
Logo
V:Product Lines
Y:
M:Month, EX : 1-1,2-2,---10-O,11-N,12-D
1
THRU
www.paceleader.tw


Similar Part No. - SL53-A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SL53 SMC-SL53 Datasheet
157Kb / 5P
Reverse battery protection
logo
SMC Diode Solutions Co....
SL53 SMCDIODE-SL53 Datasheet
406Kb / 4P
SL53 SCHOTTKY RECTIFIER
Rev. A
logo
List of Unclassifed Man...
SL531 ETC1-SL531 Datasheet
114Kb / 4P
250MHz TRUE LOG IF AMPLIFIER
SL531AC ETC1-SL531AC Datasheet
234Kb / 8P
250MHz TRUE LOG IF AMPLIFIER
SL531C ETC1-SL531C Datasheet
67Kb / 2P
250MHz TRUE LOG IF AMPLIFIER
More results

Similar Description - SL53-A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SL22M WEITRON-SL22M Datasheet
97Kb / 3P
2.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
Frontier Electronics.
SK52 FRONTIER-SK52 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52B FRONTIER-SS52B Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
LFM220-L FORMOSA-LFM220-L Datasheet
163Kb / 7P
2.0A Surface Mount Schottky Barrier Rectifiers-20V-40V
SL32-AL FORMOSA-SL32-AL_13 Datasheet
166Kb / 7P
3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
Chip Integration Techno...
SK52B CITC-SK52B Datasheet
460Kb / 3P
5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
5A Surface Mount Schottky Barrier Rectifiers
logo
SHIKUES Electronics
SKM32-AS SKTECHNOLGY-SKM32-AS Datasheet
744Kb / 3P
3.0A Low VF Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
First Silicon Co., Ltd
SL12 FS-SL12 Datasheet
136Kb / 3P
VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com