Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1640C Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SP1640C
Description  16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SP1640C Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SP1640C Datasheet HTML 1Page - PACELEADER INDUSTRIAL SP1640C Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
FIG. 1TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2TYPICAL FORWARD CHARACTERISTICS
12
16
20
100
10.00
100.00
TJ=25℃ PULSE
WIDTH 300us 2%
DUTY CYCLE
0
4
8
0
20
40
60
80 100 120 140 160 180 200
SP1640C~SP16100C
SP16150C~SP16200C
0.01
0.10
1.00
0.2
0.4
0.6
0.8
1.0
SP1640C
SP1660C
SP16100C
SP16150C
SP16200C
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE(℃)
FORWARD VOLTAGE (V)
150
200
10
100
TJ=25℃
8.3ms Single
Half Sine
50
100
0.001
0.01
0.1
1
25℃
100℃
Wave JEDEC
FIG. 5-TYPICAL JUNCTION CAPACITANCE
0
1
10
100
NUMBER OF CYCLES AT 60Hz
0.0001
20
40
60
80
100
1500
SP160C SP1640C
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
600
900
1200
SP1640C
SP1660C
SP16100C
SP16150C
SP16200C
0
300
0
1
10
100
REVERSE VOLTAGE (V)
2
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SP1640C
THRU SP16200C
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com