Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE338-150CM Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE338-150CM
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE338-150CM Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE338-150CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE338-150CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE338-150CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE338-150CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE338-150CM Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.)
0.49
0.6
0.8
1.08
1.47
dB
Insertion Loss (Typ.)
0.45
0.54
0.69
0.94
1.28
dB
Power Handling (Max.)
1,800
1,200
900
650
400
Watts
.
Mechanical Specifications
Cable Assembly
Length*
59.055 in [150 cm]
Diameter
0.625 in [15.88 mm]
.
Cable
Cable Type
PE-P300LL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Aluminum Polyester
Shield Layer 3
Silver Plated Copper Wire
Jacket Material
FEP, Green
Jacket Diameter
0.3 in [7.62 mm]
.
Repeated Minimum Bend Radius
1.5 in [38.1 mm]
PE338-150CM REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to TNC Male Low Loss Test Cable 150 cm Length Using PE-P300LL Coax, RoHS
PE338-150CM
RF Cable Assemblies Technical Data Sheet
PE338-150CM
SMA Male to TNC Male Low Loss Test Cable 150 cm
Length Using PE-P300LL Coax, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com