Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE340-50CM Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE340-50CM
Description  TECHNICAL DATA SHEET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE340-50CM Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE340-50CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE340-50CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE340-50CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE340-50CM Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Dielectric Type
PTFE
Connector 2
Type
SMA Female
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488, 50µ In. Minimum
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PTFE
Temperature
Temperature Operating Range, deg C
-55 to +125
Size
Length, in [mm]
19.685 [500]
Diameter, in [mm]
0.37 [9.4]
.
Weight, lbs [g]
0.192 [87.09]
Repeated Minimum Bend Radius, in [mm]
1 [25.4]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
07/19/2006
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to SMA Female Low Loss Test Cable 50 CM Length Using PE-P142LL Coax, RoHS from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Low Loss Test Cable 50 CM Length Using PE-P142LL Coax, RoHS
PE340-50CM
URL: http://www.pasternack.com/sma-male-sma-female-pe-p142ll-cable-assembly-pe340-50cm-p.aspx
PE340-50CM REV 1.2
PE340-50CM
SMA Male to SMA Female Low Loss Test Cable
50 CM Length Using PE-P142LL Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com