Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF-25 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-25
Description  25W Constant Voltage Constant Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-25 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPF-25 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-25 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-25 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPF-25 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LPF-25 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LPF-25 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L P F - 2 5 series
SPECIFICATION
MODEL
OUTPUT
VOLTAGE RANGE
Note.5
FREQUENCY RANGE
POWER FACTOR
EFFICIENCY (Typ.)
AC CURRENT
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
EMC IMMUNITY
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER TEMPERATURE
OVER VOLTAGE
47 ~ 63Hz
<0.75mA / 240VAC
Compliance to EN55015,EN61000-3-2 Class C (@load≧50%) ; EN61000-3-3
20 ~ 95% RH non-condensing
-40 ~ +80℃, 10 ~ 95% RH
±0.03%/℃ (0 ~ 50℃)
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
473.4Khrs min.
MIL-HDBK-217F (25℃)
ENVIRONMENT
EMC EMISSION Note.8
SAFETY &
EMC
PROTECTION
SHORT CIRCUIT
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25℃/ 70% RH
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
TOTAL HARMONIC DISTORTION
DC VOLTAGE
RATED CURRENT
RATED POWER
Note.5
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME Note.6
HOLD UP TIME (Typ.)
RIPPLE & NOISE (max.) Note.3
VOLTAGE TOLERANCE Note.4
CONSTANT CURRENT REGION Note.2
OVER CURRENT
SAFETY STANDARDS Note.8
COLD START 50A(twidth=200 s measured at 50% Ipeak) at 230VAC
μ
; Per NEMA 410
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
12 units (circuit breaker of type B) / 21 units (circuit breaker of type C) at 230VAC
MAX. CASE TEMP.
Tcase=+70℃
Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level (surge immunity Line-Line 2KV)
(Please refer to "STATIC CHARACTERISTIC" section)
90 ~ 305VAC
127 ~ 431VDC
1.AllparametersNOTspeciallymentionedaremeasuredat230VACinput,ratedcurrentand25℃ ofambienttemperature.
2.Pleasereferto"DRIVINGMETHODSOFLEDMODULE".
3.Ripple&noisearemeasuredat20MHzofbandwidthbyusinga12"twistedpair-wireterminatedwitha0.1uf&47ufparallelcapacitor.
4.Tolerance:includessetuptolerance,lineregulationandloadregulation.
5.De-ratingmaybeneededunderlowinputvoltages.Pleasereferto“STATICCHARACTERISTIC”sectionsfordetails.
6.Lengthofsetuptimeismeasuredatfirstcoldstart.TurningON/OFFthedrivermayleadtoincreaseofthesetuptime.
7.Thedriverisconsideredasacomponentthatwillbeoperatedincombinationwithfinalequipment.SinceEMCperformancewillbeaffectedbythe
completeinstallation,thefinalequipmentmanufacturersmustre-qualifyEMCDirectiveonthecompleteinstallationagain.
8.ThemodelcertifiedforCCC(GB19510.14,GB19510.1,GB17743andGB17625.1)isanoptionalmodel.PleasecontactMEANWELLfordetails.
9.
To fulfill requirements of the latest ErP regulation for lighting fixtures, this LED driver can only be used behind a switch
without permanently connected to the mains.
10.Thisseriesmeetsthetypicallifeexpectancyof>50,000hoursofoperationwhenTcase,particularlytcpoint(orTMP,perDLC),isabout70℃ orless.
11.PleaserefertothewarrantystatementonMEANWELL'swebsiteat http://www.meanwell.com
25W Constant Voltage + Constant Current LED Driver
95 ~ 108%
Hiccup mode, recovers automatically after fault condition is removed
Constant current limiting, recovers automatically after fault condition is removed
PF≧0.97/115VAC, PF≧0.95/230VAC, PF≧0.92/277VAC@full load
(Please refer to "POWER FACTOR (PF) CHARACTERISTIC" section)
THD< 20%(@load≧60%/115VC,230VAC; @load≧75%/277VAC)
(Please refer to “TOTAL HARMONIC DISTORTION(THD)” section)
Tcase=-35 ~ +70℃ (Please refer to “ OUTPUT LOAD vs TEMPERATURE” section)
0.4A / 115VAC
0.25A / 230VAC
0.2A/277VAC
Shut down o/p voltage, recovers automatically after temperature goes down
148*40*32mm (L*W*H)
0.36Kg; 40pcs/ 15.4Kg/1.02CUFT
12V
LPF-25-12
LPF-25-15
LPF-25-20
LPF-25-24
LPF-25-30
LPF-25-36
LPF-25-42
LPF-25-48
LPF-25-54
6.6 ~12V
15V
8.25 ~ 15V
20V
11 ~ 20V
24V
13.2 ~ 24V
30V
16.5 ~ 30V
36V
19.8 ~ 36V
48V
26.4 ~ 48V
2.1A
1.67A
1.25A
1.05A
0.84A
0.7A
0.53A
25.2W
25.05W
25W
25.2W
25.2W
25.2W
25.44W
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
250mVp-p
250mVp-p
±4.0%
±4.0%
±4.0%
±4.0%
±4.0%
±4.0%
±4.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±2.0%
±1.5%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
54V
29.7 ~ 54V
0.47A
25.38W
350mVp-p
±4.0%
±0.5%
±0.5%
42V
23.1 ~ 42V
0.6A
25.2W
250mVp-p
±4.0%
±0.5%
±0.5%
1500ms, 80ms / 115VAC 500ms, 80ms / 230VAC
16ms/115VAC
16ms/230VAC
84%
85%
86%
86%
86%
86%
87%
86%
86.5%
15 ~ 18V
17.5 ~ 21V
23 ~ 27V
28 ~ 35V
34 ~ 40V
41 ~ 49V
54 ~ 63V
46 ~ 54V
59 ~ 66V
UL8750, CSA C22.2 No. 250.0-08; ENEC EN61347-1, EN61347-2-13 independent, EN62384,J61347-1,
J61347-2-13 approved, IP67 approved ;Design refer to UL60950-1, TUV EN60950-1
Shut down and latch off o/p voltage, re-power on to recover
File Name:LPF-25-SPEC 2017-04-13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com