Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40193BEY Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF40193BEY
Description  PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40193BEY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF40193BEY Datasheet HTML 3Page - STMicroelectronics HCF40193BEY Datasheet HTML 4Page - STMicroelectronics HCF40193BEY Datasheet HTML 5Page - STMicroelectronics HCF40193BEY Datasheet HTML 6Page - STMicroelectronics HCF40193BEY Datasheet HTML 7Page - STMicroelectronics HCF40193BEY Datasheet HTML 8Page - STMicroelectronics HCF40193BEY Datasheet HTML 9Page - STMicroelectronics HCF40193BEY Datasheet HTML 10Page - STMicroelectronics HCF40193BEY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HCF40193B
7/12
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) The time required for Reset or Preset Enable control to be removed before clocking (see timing diagram).
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
Clock Up or Clock Down to
Q Reset to Q
5
250
500
ns
10
120
240
15
90
180
PE to Q
5
200
400
ns
10
100
200
15
70
140
Clock Up to Carry
Clock Down to Borrow
5
160
320
ns
10
80
160
15
60
120
Reset or PR to Borrow or
Carry
5
300
600
ns
10
150
300
15
110
220
tTHL tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
trem*
Removal Time
Reset or PE
580
40
ns
10
40
20
15
30
15
tW
Clock Input Pulse Width
Reset
5
480
240
ns
10
300
150
15
260
130
PE
5
120
240
ns
10
85
170
15
70
140
Clock
5
90
180
ns
10
45
90
15
30
60
tr tf
Clock Input Rise or Fall
Time
515
µs
10
15
15
5
fCL
Maximum Clock Input
Frequency
52
4
MHz
10
5
8
15
5.5
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com