Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40193B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF40193B
Description  PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40193B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF40193B Datasheet HTML 1Page - STMicroelectronics HCF40193B Datasheet HTML 2Page - STMicroelectronics HCF40193B Datasheet HTML 3Page - STMicroelectronics HCF40193B Datasheet HTML 4Page - STMicroelectronics HCF40193B Datasheet HTML 5Page - STMicroelectronics HCF40193B Datasheet HTML 6Page - STMicroelectronics HCF40193B Datasheet HTML 7Page - STMicroelectronics HCF40193B Datasheet HTML 8Page - STMicroelectronics HCF40193B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HCF40193B
2/12
one-half clock cycle after the counter reaches its
minimum count in the count-down mode. The
cascading
of
multiple
packages
is
easily
accomplished without the need for additional
external circuitry by tying the BORROW and
CARRY outputs to the CLOCK DOWN and
CLOCK UP inputs, respectively, of the following
package.
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
3, 2, 6, 7
Q1 to Q4
Flip-Flop Outputs
4
CLOCK
DOWN
Clock Down Input
5
CLOCK UP
Clock Up Input
11
PRESET
ENABLE
Preset Enable Input
12
CARRY
Count Up (Carry)
13
BORROW
Count Down (Borrow)
14
RESET
Reset Input
15, 1, 10, 9
J1 to J4
Data Input
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com