Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M99E Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82M99E
Description  USB Mouse Encoder 8-Bit OTP MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M99E Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82M99E Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...............................0
°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
4
¾
5.5
V
IDD
Operating Current (6MHz Crystal)
5V
No load, fSYS=6MHz
¾
79
mA
ISTB
Standby Current
5V
No load, system HALT
¾
300
500
mA
VIL1
Input Low Voltage for I/O Ports
5V
¾
0
¾
0.8
V
VIH1
Input High Voltage for I/O Ports
5V
¾
2
¾
5V
VIL2
Input Low Voltage (RES)5V
¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)5V
¾
0.9VDD
¾
VDD
V
IOL
Output Sink Current for Other Ports
PA0~PA7, PB2~PB4, PB7
5V
VOL=0.4V
24
¾
mA
IOH
Output Port Source Current
5V
VOL=3.4V
-2.5
-4
¾
mA
RPD
Pull-down Resistance for PA0~PA3, PB2
and PB3
5V
¾
10
30
50
k
W
RPH1
Pull-high Resistance for CLK and DATA
¾¾
2
4.7
6
k
W
RPH2
Pull-high Resistance for PA0~PA7,
PB2~PB4, PB7
¾¾
30
50
70
k
W
VLVR
Low Voltage Reset
5V
¾
2.4
2.7
3
V
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock (Crystal OSC)
5V
¾
6
¾
12
MHz
fRCSYS
RC Clock with 8-bit Prescaler Register
5V
¾
032
¾
kHz
tWDT
Watchdog Time-out Period (System Clock)
¾ Without WDT prescaler 1024
¾¾
tRCSYS
tRF
USBD+, USBD- Rising & falling Time
¾¾
75
¾
300
ns
tSST
System Start-up Timer Period
¾ Wake-up from HALT
¾
1024
¾
tSYS
tOSC
Crystal Setup
¾¾
¾
510
ms
Note: Power-on period=tWDT+tSST+tOSC
WDT Time-out in normal mode=1/fRCSYS
´256´WDTS+tWDT
WDT Time-out in HALT mode=1/fRCSYS
´256´WDTS+tSST+tOSC
HT82M99E
Rev. 1.50
3
November 19, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com