Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM628128ALP-7SL Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HM628128ALP-7SL
Description  131,072-word X 8-bit High Speed CMOS Static RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128ALP-7SL Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HM628128ALP-7SL Datasheet HTML 3Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 4Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AC Characteristics (Ta = 0 to +70°C, VCC = 5 V ± 10%, unless otherwise noted.)
Test Conditions
• Input pulse levels: 0.8 V to 2.4 V (HM628128A-7/8/10)
0 V to 3 V (HM628128A-5)
• Input rise and fall times: 5 ns
• Input and output timing reference levels: 1.5 V
• Output load: 1 TTL Gate and CL (100 pF) (HM628128A-7/8/10)
1 TTL Gate and CL (30 pF) (HM628128A-5) (Including scope & jig)
Read Cycle
HM628128A
-5
-7
-8
-10
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Read cycle time
tRC
55
—
70
—
85
—
100
—
ns
Address access time
tAA
—
55
—
70
—
85
—
100
ns
Chip selection to
tCO1
—
55
—
70
—
85
—
100
ns
output valid
tCO2
—
55
—
70
—
85
—
100
ns
Output enable to
tOE
—
30
—
35
—
45
—
50
ns
output valid
Chip selection to
tLZ1
5
—
10
—
10
—
10
—
ns
2, 3
output in low-Z
tLZ2
5
—
10
—
10
—
10
—
ns
2, 3
Output enable to
tOLZ
5
—
5
—
5
—
5
—
ns
2, 3
output in low-Z
Chip deselection to
tHZ1
0
20
0
25
0
30
0
35
ns
1, 2, 3
output in high-Z
tHZ2
0
20
0
25
0
30
0
35
ns
1, 2, 3
Output disable to
tOHZ
0
20
0
25
0
30
0
35
ns
1, 2, 3
output in high-Z
Output hold from
tOH
5
—
10
—
10
—
10
—
ns
address change
7
HM628128A Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com