Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XSL-355-3E-R6 Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # XSL-355-3E-R6
Description  UV LED 3 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

XSL-355-3E-R6 Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  XSL-355-3E-R6 Datasheet HTML 1Page - Roithner LaserTechnik GmbH XSL-355-3E-R6 Datasheet HTML 2Page - Roithner LaserTechnik GmbH XSL-355-3E-R6 Datasheet HTML 3Page - Roithner LaserTechnik GmbH XSL-355-3E-R6 Datasheet HTML 4Page - Roithner LaserTechnik GmbH XSL-355-3E-R6 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
02.03.2017
XSL-355-3E-R6
5 of 5
5. Heat Generation
 Thermal design of the end product is of paramount importance. Please consider the heat
generation of the LED when making the system design. The coefficient of temperature
increase per input electric power is affected by the thermal resistance of the circuit board and
density of LED placement on the board, as well as other components. It is necessary to
avoid intense heat generation and operate within the maximum ratings given in the
specification.
 The operating current should be desided after sonsidering the ambient maximum
temperature of LEDs.
6. Storage
 The LEDs should be stored at 30°C or less and 70%RH or less after being shippedand the
sorage life limits are 3 months. If the LEDs are stored for 3 months or more, they can be
stored for a year in a sealed container with nitrogen atmosphere and moisture absorbent
material.
 Please avoid rapid transistions in ambient temperature, especially in high humidity
environments where condensation can occur.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com