Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZS2CLL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HZS2CLL
Description  Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZS2CLL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HZS2CLL Datasheet HTML 1Page - Renesas Technology Corp HZS2CLL Datasheet HTML 2Page - Renesas Technology Corp HZS2CLL Datasheet HTML 3Page - Renesas Technology Corp HZS2CLL Datasheet HTML 4Page - Renesas Technology Corp HZS2CLL Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.2.00, Jan.06.2004, page 1 of 4
HZS-LL Series
Silicon Epitaxial Planar Zener Diode for
Hard Knee Low Noise
REJ03G0167-0200Z
(Previous: ADE-208-122A)
Rev.2.00
Jan.06.2004
Features
• Vz-Iz characteristics are semilogarithmic linear from I
Z = 1nA to 1mA and have sharper breakdown
knees in a low current region, and also lower VZ temperature coefficients .
• Low dynamic impedance and low noise in the low current region (approximately 1/10 lower than the
current zeners).
• Suitable for 5mm-pitch high speed automatic insertion.
Ordering Information
Type No.
Mark
Package Code
HZS-LL Series
Type No.
MHD
Pin Arrangement
1. Cathode
2. Anode
Cathode band
Type No.
1
2
2
A


Similar Part No. - HZS2CLL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZS2C1 RENESAS-HZS2C1 Datasheet
56Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZS2C1 SEMTECH_ELEC-HZS2C1 Datasheet
262Kb / 4P
SILICON EPITAXIAL PLANER ZENER DIODES
logo
Renesas Technology Corp
HZS2C2 RENESAS-HZS2C2 Datasheet
56Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZS2C2 SEMTECH_ELEC-HZS2C2 Datasheet
262Kb / 4P
SILICON EPITAXIAL PLANER ZENER DIODES
logo
Renesas Technology Corp
HZS2C3 RENESAS-HZS2C3 Datasheet
56Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
More results

Similar Description - HZS2CLL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ12C3L RENESAS-HZ12C3L Datasheet
52Kb / 6P
Silicon Epitaxial Planar Zener Diode for Low Noise Application
Rev.2.00 Mar.11.2004
logo
Hitachi Semiconductor
HZ-LL HITACHI-HZ-LL Datasheet
20Kb / 4P
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Renesas Technology Corp
HZ-LL RENESAS-HZ-LL Datasheet
49Kb / 5P
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZU-LL RENESAS-HZU-LL Datasheet
87Kb / 7P
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZS-L RENESAS-HZS-L Datasheet
74Kb / 7P
Silicon Epitaxial Planar Zener Diode for Low Noise Application
HZK-LL RENESAS-HZK-LL Datasheet
46Kb / 6P
Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
HZU-L RENESAS-HZU-L Datasheet
77Kb / 6P
Silicon Planar Zener Diode for Low Noise Application
HZM-N RENESAS-HZM-N_11 Datasheet
92Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM15NB2TL-E RENESAS-HZM15NB2TL-E Datasheet
220Kb / 10P
Silicon Epitaxial Planar Zener Diode for Stabilizer
HZU3ALLTRF-E RENESAS-HZU3ALLTRF-E Datasheet
183Kb / 7P
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com