Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFPA300 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFPA300
Description  Monolithic JFET Preamplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFPA300 Datasheet(HTML) 1 Page - InterFET Corporation

  IFPA300 Datasheet HTML 1Page - InterFET Corporation IFPA300 Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IFPA300, IFPA301
Monolithic JFET Preamplifier
Description & Features
The IFPA300 series is an inverting transimpedance
amplifier featuring extremely low noise and a wide
gain-bandwidth suitable as a charge-sensitive pre-
amplifier for a broad range of applications.
The monolithic IFPA300 series contain 8 n-channel
epitaxial-channel diffused-gate JFETs to achieve
optimally low 1/f noise performance over a wide
temperature range (120K-300K).
DC open loop gain
85 dB
GBW
200 MHz
¯eN @ 10 Hz
3.0 nV/
√Hz
General Specifications
Power Dissipation at VDD = 12 V
<100 mW
Input Leakage Current (T = 300 K)
10 pA
Input-Referred Noise Voltage (f = 10 kHz)
0.6 nV/
√Hz
Input-Referred Noise Voltage (f = 10 Hz)
3.0 nV/
√Hz
Output Range at VDD = 12 V
4.0 V (5.0 V Max)
Designed to drive 50
Ω load.
Charge Sensitive
Preamplifier Specifications
The IFPA300 Series is actually tailored to detector
capacitance in the 100 Ð 1000 pF range.
Input Open-Loop Capacitance
60 pF
Rise Time (CD = 500 pF, Cf = 33 pF)
20 ns
Equivalent Noise Charge
(Measured with semigaussian shaping, peaking
time = tp)
4200 e– rms at CD @ 500 pF, tp = 0.2 µm
3200 e– rms at CD @ 500 pF, tp = 1.0 µm
4200 e– rms at CD @ 500 pF, tp = 4.0 µm
Absolute maximum ratings at TA = 25°C
All pins (except Input) referenced to Bias 3
85 dB
Input to Bias 3
Ø V
Power Dissipation
225 mW
Derating Factor
1.8 mW/°C
Operating Temperature
150°C
At this time, there are two units in this family.
The 300/301 Series gives more flexibility with respect
to output transistor drain.
The 310/311 Series ties the output transistor drain to
the VDD line.
Simplified Schematic Circuit
Packages & Test Circuit Overside
x
01/99
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
J5
J6
J7
J1
J2
J3
J4
J8
VSS
VDD
Open
Substrate
Source
Output
Open
Drain
Output
Bias 1
Bias 2
Bias 3
Input
Databook.fxp
1/13/99 2:09 PM
Page x


Similar Part No. - IFPA300

ManufacturerPart #DatasheetDescription
logo
Level One
IFP-0501 LVL1-IFP-0501 Datasheet
904Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 126W
IFP-0502 LVL1-IFP-0502 Datasheet
865Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Multi-Mode Fiber, 2km, 126W
IFP-0503 LVL1-IFP-0503 Datasheet
906Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Single-Mode Fiber, 30km, 126W
IFP-0504 LVL1-IFP-0504 Datasheet
894Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x ST Multi-Mode Fiber, 2km, 126W
IFP-0801 LVL1-IFP-0801 Datasheet
235Kb / 3P
Redundant power inputs with Terminal Block and DC Jack
More results

Similar Description - IFPA300

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N5911_TO-71 MICROSS-2N5911_TO-71 Datasheet
280Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS3954_SOT-23 MICROSS-LS3954_SOT-23 Datasheet
280Kb / 1P
Monolithic Dual N-Channel JFET
LS3954_TO-71 MICROSS-LS3954_TO-71 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3956_TO-71 MICROSS-LS3956_TO-71 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3956_TO-78 MICROSS-LS3956_TO-78 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3958_PDIP MICROSS-LS3958_PDIP Datasheet
283Kb / 1P
Monolithic Dual N-Channel JFET
LS3958_SOT-23 MICROSS-LS3958_SOT-23 Datasheet
280Kb / 1P
Monolithic Dual N-Channel JFET
LS832_TO-71 MICROSS-LS832_TO-71 Datasheet
286Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS833_PDIP MICROSS-LS833_PDIP Datasheet
283Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
logo
Calogic, LLC
U443 CALOGIC-U443_15 Datasheet
33Kb / 2P
N-Channel JFET Monolithic Dual
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com