Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZS3CLL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HZS3CLL
Description  Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZS3CLL Datasheet(HTML) 2 Page - Renesas Technology Corp

  HZS3CLL Datasheet HTML 1Page - Renesas Technology Corp HZS3CLL Datasheet HTML 2Page - Renesas Technology Corp HZS3CLL Datasheet HTML 3Page - Renesas Technology Corp HZS3CLL Datasheet HTML 4Page - Renesas Technology Corp HZS3CLL Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HZS-LL Series
Rev.2.00, Jan.06.2004, page 2 of 4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd
250
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
–55 to +175
°C
Electrical Characteristics
(Ta = 25°C)
VZ(V) *
1
IR(nA)
ZZT(Ω)
ZZK(kΩ)*
2
∆V
Z1(V) *
3
∆V
Z2(V) *
3
Type
Grade Min
Max IZ(mA) Max
VR(V)
Max
IZT(mA) Typ
IZK(µA) Max
Max
HZS2LL A
1.6
2.0
0.5
100
0.5
350
0.5
(1.2)
50
0.5
0.6
B
1.9
2.3
C
2.2
2.6
HZS3LL A
2.5
2.9
0.5
100
1.0
360
0.5
(1.2)
50
0.5
0.6
B
2.8
3.2
C
3.1
3.5
HZS4LL A
3.4
3.8
0.5
100
2.0
370
0.5
(1.5)
50
0.5
0.6
B
3.7
4.1
C
4.0
4.4
HZS5LL A
4.3
4.7
0.5
100
3.0
380
0.5
(1.5)
50
0.5
0.6
B
4.6
5.0
C
4.9
5.3
Notes: 1. Tested with DC.
2. Reference only.
3.
∆V
Z1 = VZ (IZ = 0.5 mA) – VZ1 (Iz = 0.05 mA)
∆V
Z2 = VZ1 (IZ = 0.05 mA) – VZ2 (Iz = 0.001 mA)
4. Type No. is as follows; HZS2ALL, HZS2BLL, HZS5CLL.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com