Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZU6.2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZU6.2
Description  Silicon Epitaxial Planar Zener Diodes for Stabilizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU6.2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZU6.2 Datasheet HTML 1Page - Renesas Technology Corp HZU6.2 Datasheet HTML 2Page - Renesas Technology Corp HZU6.2 Datasheet HTML 3Page - Renesas Technology Corp HZU6.2 Datasheet HTML 4Page - Renesas Technology Corp HZU6.2 Datasheet HTML 5Page - Renesas Technology Corp HZU6.2 Datasheet HTML 6Page - Renesas Technology Corp HZU6.2 Datasheet HTML 7Page - Renesas Technology Corp HZU6.2 Datasheet HTML 8Page - Renesas Technology Corp HZU6.2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HZU Series
Rev.7, Dec. 2002, page 2 of 9
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
1
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 to +150
°C
Note:
1. With P.C. Board.
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
V
Z (V) *
1
Test
Condition
I
R (µ
µµµA)
Test
Condition
r
d (Ω
Ω
Ω
Ω)
Test
Condition
Type
Grade
Min
Max
I
Z (mA)
Max
V
R (V)
Max
I
Z (mA)
HZU2.0
B
1.90
2.20
5
120
0.5
100
5
HZU2.2
B
2.10
2.40
5
120
0.7
100
5
HZU2.4
B
2.30
2.60
5
120
1.0
100
5
HZU2.7
B
2.50
2.90
5
120
1.0
110
5
B1
2.50
2.75
B2
2.65
2.90
HZU3.0
B
2.80
3.20
5
50
1.0
120
5
B1
2.80
3.05
B2
2.95
3.20
HZU3.3
B
3.10
3.50
5
20
1.0
130
5
B1
3.10
3.35
B2
3.25
3.50
HZU3.6
B
3.40
3.80
5
10
1.0
130
5
B1
3.40
3.65
B2
3.55
3.80
HZU3.9
B
3.70
4.10
5
10
1.0
130
5
B1
3.70
3.97
B2
3.87
4.10
Note:
1. Tested with pulse (P
W = 40 ms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com