Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL5 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL5
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL5 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL5 Datasheet HTML 1Page - Vishay Siliconix IL5 Datasheet HTML 2Page - Vishay Siliconix IL5 Datasheet HTML 3Page - Vishay Siliconix IL5 Datasheet HTML 4Page - Vishay Siliconix IL5 Datasheet HTML 5Page - Vishay Siliconix IL5 Datasheet HTML 6Page - Vishay Siliconix IL5 Datasheet HTML 7Page - Vishay Siliconix IL5 Datasheet HTML 8Page - Vishay Siliconix IL5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83612
Rev. 1.5, 26-Oct-04
IL1/ IL2/ IL5
Vishay Semiconductors
Switching Saturated
Common Mode Transient Immunity
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Current
Delay
Rise time
Storage
Fall time
Propagation
H-L
Propagation
L-H
Test condition
VCE = 0.4 V, RL = 1.0 kΩ, VCL = 5.0 V, VTH = 1.5 V
Symbol
IF
tD
tr
tS
tf
tPHL
tPLH
Unit
mA
µs
µs
µs
µs
µs
µs
IL1
20
0.8
1.2
7.4
7.6
1.6
8.6
IL2
5.0
1.0
2.0
5.4
13.5
5.4
7.4
IL5
10
1.7
7.0
4.6
20
2.6
7.2
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Common mode rejection output
high
VCM = 50 VP-P, RL = 1 kΩ,
IF = 10 mA
| CMH |
5000
V/
µs
Common mode rejection output
low
VCM = 50 VP-P, RL = 1 kΩ,
IF = 10 mA
| CML |
5000
V/
µs
Common mode coupling
capacitance
CCM
0.01
pF
Figure 1. Non-saturated Switching Schematic
iil1_01
VO
VCC=5V
R L=75 Ω
IF=10 mA
F=10 KHz
DF=50%
Figure 2. Saturated Switching Schematic
iil1_02
V O
R L
VCC=5V
IF=10 mA
F=10 KHz
DF=50%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com