Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP15AS Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP15AS
Description  15W 3KVAC Isolation Wide Input AC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15AS Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP15AS Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15AS Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15AS Datasheet HTML 3Page - Toppower Electronic Technology Limited TP15AS Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP15AS Series
www.gztoppower.con
TEL:020-82019000
Email:sales@gztoppower.com
page 3 of 4
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Package
Pin
Single
output
Dual output
(Com)
Dual output
(NC)
Triple
output
1
FG
FG
FG
FG
2
N
N
N
N
3
L
L
L
L
4
-V0
-V0
/
/
(
4)
/
/
-V01
-V01
5
/
/
+V01
+V01
6
/
COM
/
/
(
6)
/
/
/
-V02
7
/
/
-V02
/
(
7)
/
/
/
COM
8
+V0
+V0
/
/
(
8)
/
/
+V02
+V02
MODEL SELECTION
Units:mm
Tolerance:±0.2mm
TP
15
A
T
220 D
05 W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output D:Dual output
Rated input voltage
Package type
AC-DC
Output rated power
Brand name
TP
15
A T
220 T 05
D 12 W
W:4:1 Wide voltage input range
Auxiliary output voltage
D: Auxiliary is dual output
Main output voltage
S:single output D:Dual output T:Triple
Output
Rated input voltage
Package type
AC-DC
Output rated power
Brand name
W:4:1 Wide voltage input range
Auxiliary Output Voltage
P: Auxiliary is positive output voltage
Main Road output voltage
S:single output D:Dual output T:Triple
OutpuS:
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
TP
15
A
T
220 D 05
P 12 W
45.00
1.30
20.50
8.00
55.00
17.50
17.50
1
2
3
4 (4)
5
6 (6)
7 (7)
8 (8)
5.00
4.00
47.00
20.00
底视图
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com