Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP15AS220D12 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP15AS220D12
Description  15W 3KVAC Isolation Wide Input AC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15AS220D12 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP15AS220D12 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15AS220D12 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15AS220D12 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP15AS220D12 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP15AS Series
www.gztoppower.con
TEL:020-82019000
Email:sales@gztoppower.com
page 2 of 4
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Input / Output 1 minute, leakage current 2mA
3000
VAC
Seismic
10~55Hz
5
G
Over-current protection
Full input range
Burp,Automatic recovery
Cooling
Free air convection
Case material
Flame-retardant plastic
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage accuracy
Io=0.1…1.0 x Ionom Vi=Vi rated
±3
%
±5
%
Line regulation
Vimin≤Vi≤Vimax
±0.5
%
Load regulation
Io=0.1…1.0 x Ionom Vimin≤ Vi≤Vimax
±1
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the auxiliary circuit
of the load with at least 25%, the main circuit with the full
load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin≤Vi≤Vimax
120
%
Switch frequency
Vimin≤Vi≤Vimax
100
Hz
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Startup voltage
220VAC In module(165V-265V)
165
220
265
VAC
Startup voltage
220VAC In module(85V-265V)
85
220
265
VAC
Start rising time
Non-capacitive load
20
ms
ENVIRONMENT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating temperature
industrial-class
-40
+70
℃
Maximum case temperature
industrial-class
+95
℃
Storage temperature
Industry-class
-40
+105
℃
Relative humidity
No condensation
5
90
RH(%)
Temperature coefficient
±0.02
%/℃
Case temperature shall not exceed the maximum case temperature
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com