Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3003RA Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N3003RA
Description  10 WATT ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3003RA Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3003RA Datasheet HTML 1Page - Microsemi Corporation 1N3003RA Datasheet HTML 2Page - Microsemi Corporation 1N3003RA Datasheet HTML 3Page - Microsemi Corporation 1N3003RA Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10 WATT ZENER DIODES
SCOTTSD A L E DIVISION
1N2970 thru 1N3015B
and 1N3993 thru 1N4000A
DESCRIPTION
APPEARANCE
These high power 10 W Zener diodes represented by the JEDEC
registered 1N2970 thru 1N3015B and 1N3993 thru 1N4000A series provide
voltage regulation in a selection over a 3.9 V to 200 V broad range of
voltages. They may be operated up to 10 W with adequate mounting and
heat sinking with their low thermal resistance. These Zeners are also
available in JAN, JANTX, JANTXV military qualifications. Microsemi also
offers numerous other Zener products to meet higher and lower power
applications.
DO-4
(DO-203AA)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
JEDEC registered 1N2970 thru 1N3015B and
1N3993 thru 1N4000A
•
Internal solder bond construction
•
Hermetically sealed (welded)
•
Zener Voltage 3.9V to 200V.
•
Also available in JAN, JANTX, and JANTXV
qualifications per MIL-PRF-19500/124 by
adding the JAN, JANTX, or JANTXV prefixes to
part numbers for desired level of screening;
(e.g. JANTX1N2970B, JANTXV1N3996A, etc.
•
Standard polarity is anode to case (stud) for
1N2970 thru 1N3015B and cathode to case for
1N3993 thru 1N4000A
•
Reverse polarity is cathode to case for 1N2970
thru 1N3015B and anode to case for 1N3993
thru 1N4000A by designating R suffix, e.g.
1N2970RB, 1N3993RA, etc.
•
Consult factory for surface mount equivalents
•
Regulates voltage over a broad operating
current and temperature range
•
Standard voltage tolerances are +/- 5% with B
suffix, +/-10% with an A suffix, and +/-20% with
no suffix
•
Consult factory for +/-2% or +/-1% voltage
tolerance with a C or D suffix respectively
•
Reverse polarity available
•
Nonsensitive to ESD per MIL-STD-750 Method
1020
•
Inherently radiation hard as described in
Microsemi MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
•
Junction Temperatures: -65
oC to +175oC
•
Storage Temperatures: -65
oC to +200oC
•
DC Power Dissipation: 10 Watts
•
Power Derating: 80 mW/
oC above 50oC
•
Forward Voltage @ 2.0 A: 1.5 Volts
•
THERMAL RESISTANCE: 10
oC/W (typical)
junction to case (stud)
•
Solder temperatures: 260
oC for 10 s (max)
•
CASE: Industry Standard DO-4, (DO-203AA), 7/16”
Hex, stud with 10-32 threads, welded, hermetically
sealed metal and glass
•
FINISH: All external surfaces are corrosion
resistant and terminal solderable
•
POLARITY: 1N3993 – 1N4000: Std. Polarity is
cathode to stud. Reverse polarity (anode to stud)
indicated by suffix “R”
1N2970 – 1N3015: Std. Polarity is anode to stud.
Reverse polarity indicated by suffix “R”
•
WEIGHT: 7.5 grams
•
MOUNTING HARDWARE: Consult factory for
optional insulator, bushing solder terminal,
washers, and nut
•
See package dimension on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
11-12-2003 REV A


Similar Part No. - 1N3003RA

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
1N3003R NAINA-1N3003R Datasheet
115Kb / 1P
10 WATT ZENER DIODES
logo
Solid State Inc
1N3003R SOLIDSTATE-1N3003R Datasheet
153Kb / 2P
10 WATTS ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3003RB NJSEMI-1N3003RB Datasheet
103Kb / 1P
Ref/Reg Diode, 5W < P(D) s 10W
More results

Similar Description - 1N3003RA

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
1 WATT ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
Silicon 10 WATT Zener Diodes
1N2970 MICROSEMI-1N2970 Datasheet
103Kb / 2P
Silicon 10 WATT Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
SILICON 10 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
50 Watt Zener Diodes
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
5 Watt ZENER DIODES
logo
Naina Semiconductor ltd...
1N2970B NAINA-1N2970B Datasheet
115Kb / 1P
10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
Silicon 10 WATT Zener Diodes
logo
Digitron Semiconductors
1N2970 DIGITRON-1N2970 Datasheet
184Kb / 3P
10 WATT ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com