Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT162/12 Datasheet(PDF) 3 Page - International Rectifier

Part # IRKT162/12
Description  THYRISTOR/DIODE and THYRISTOR/THYRISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT162/12 Datasheet(HTML) 3 Page - International Rectifier

  IRKT162/12 Datasheet HTML 1Page - International Rectifier IRKT162/12 Datasheet HTML 2Page - International Rectifier IRKT162/12 Datasheet HTML 3Page - International Rectifier IRKT162/12 Datasheet HTML 4Page - International Rectifier IRKT162/12 Datasheet HTML 5Page - International Rectifier IRKT162/12 Datasheet HTML 6Page - International Rectifier IRKT162/12 Datasheet HTML 7Page - International Rectifier IRKT162/12 Datasheet HTML 8Page - International Rectifier IRKT162/12 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRK.136, .142, .162 Series
3
Bulletin I27117 rev. C 03/02
www.irf.com
Thermal and Mechanical Specifications
T
J
Max. junction operating
-40 to 125
°C
temperature range
T
stg
Max. storage temperature
-40 to 150
°C
range
RthJC Max. thermal resistance,
0.18
0.18
0.16
K/W
DC operation, per junction
junction to case
RthCS Max. thermal resistance,
0.05
K/W
Mounting surface smooth, flat and greased
case to heatsink
Per module
T
Mounting
IAP to heatsink
4 to 6
Nm
torque ± 10% busbar to IAP
4 to 6
wt
Approximate weight
200 (7.1)
g(oz)
Case Style
New Int-A-Pak
A mounting compound is recommended and
the torque should be rechecked after a period
of 3 hours to allow for the spread of the
compound. Lubricated threads.
Triggering
P
GM
Max. peak gate power
12
W
tp
≤ 5ms, T
J = TJ max.
PG(AV) Max. average gate power
3
W
f=50Hz, T
J = TJ max.
I
GM
Max. peak gate current
3
A
tp
≤ 5ms, T
J = TJ max.
-V
GT
Max. peak negative
10
V
gate voltage
V
GT
Max. required DC gate
4
V
TJ = - 40°C
Anodesupply=6V,resistive
voltage to trigger
2.5
TJ = 25°C
load;Ra=1
Ω
1.7
TJ = TJmax.
I
GT
Max. required DC gate
270
TJ = - 40°C
Anodesupply=6V,resistive
current to trigger
150
mA
TJ = 25°C
load;Ra=1
Ω
80
TJ = TJmax.
V
GD
Max. gate voltage
0.3
V
@ T
J = TJ max., rated VDRMapplied
that will not trigger
I
GD
Max. gate current
10
mA
that will not trigger
di/
dt
Max. rate of rise of
300
A/µs
@T
J=TJmax.,ITM=400Arated VDRMapplied
turned-on current
Sinusoidal conduction @ TJ max.
Rectangular conduction @ TJ max.
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
IRK.136
0.007
0.01
0.013
0.0155
0.017
0.009
0.012
0.014
0.015
0.017
IRK.142
0.0019
0.0019
0.0020
0.0020
0.0021
0.0018
0.0022
0.0023
0.0023
0.0020
K/W
IRK.162
0.0030
0.0031
0.0032
0.0033
0.0034
0.0029
0.0036
0.0039
0.0041
0.0040
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance R
thJC when devices operate at different conduction angles than DC)
Parameter
IRK.136
IRK.142
IRK.162
Units Conditions
Parameter
IRK.136
IRK.142
IRK.162
Units Conditions
Blocking
I
RRM
Maximum peak reverse and
50
mA
T
J = 125
o
C
IDRM off-state leakage current
V
INS
RMS isolation voltage
3500
V
50Hz, circuit to base, all terminals shorted, t = 1s
dV/dt critical rate of rise of off-state voltage
1000
V/µs
TJ = TJ max., exponential to 67% rated VDRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com