Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6R11 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX6R11
Description  6A Half-Bridge Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6R11 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX6R11 Datasheet HTML 2Page - IXYS Corporation IX6R11 Datasheet HTML 3Page - IXYS Corporation IX6R11 Datasheet HTML 4Page - IXYS Corporation IX6R11 Datasheet HTML 5Page - IXYS Corporation IX6R11 Datasheet HTML 6Page - IXYS Corporation IX6R11 Datasheet HTML 7Page - IXYS Corporation IX6R11 Datasheet HTML 8Page - IXYS Corporation IX6R11 Datasheet HTML 9Page - IXYS Corporation IX6R11 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
IX6R11
VDD Supply Voltage - Voltage
4
6
8
1012
14161820
75
100
125
150
175
200
225
VDD Supply Voltage- Volts
4
6
8
10
12
14161820
40
80
120
160
200
VCH Supply Voltage - Volts
10
15
20
25
30
35
60
70
80
90
100
110
120
130
140
150
VCL Supply Voltage - Volts
5
10152025
3035
100
110
120
130
140
150
160
170
180
190
Temperature - Degrees C
-50
-25
0
25
50
75
100
125
75
100
125
150
175
200
225
Temperature - Degrees C
-50
-25
0
25
50
75
100
125
50
75
100
125
150
175
Max. t
off
Typ. t
off
Typ. t
on
Typ. t
on
Max. t
off
Typ. t
off
Max. t
on
Typ. t
on
Max. t
off
Typ. t
off
Max. t
on
Typ. t
on
Max. t
off
Typ. t
off
Max. t
on
Typ. t
on
Max. t
off
Max. t
on
Typ. t
off
Max. t
on
Max. t
off
Typ. t
off
Typ. t
on
Max. t
on
Fig. 8a. Low side turn-on and turn-off delay times
vs. temperature.
Fig. 8b. High side turn-on and turn-off times
vs. temperature.
Fig. 9a. Low side turn-on and turn-off delay times vs. V
CL.
Fig. 9b. High side turn-on and turn-off delay times vs. V
CH.
Fig. 10a. Low side turn-on and turn-off delay times
vs. V
DD supply voltage.
Fig. 10b. High side turn-on and turn-off delay times
vs. V
DD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com