Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564-C3 Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564-C3
Description  Real-Time Clock Module with I2C-Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564-C3 Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  RV-8564-C3_17 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND RV-8564-C3_17 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 5.0/10.2017
Micro Crystal AG
Phone +41 32 655 82 82
Muehlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
A unique part number will be generated for each product specification, i.e:
20xxxx-MG01
1'000 pcs (in 12 mm tape on 7" reel)
20xxxx-MG03
3'000 pcs (in 12 mm tape on 7" reel)
Temperature range
Package size
TA = -40 to +85°C (Standard)
Qualification
QC = Commercial Grade (Standard)
QA = Automotive Grade AEC-Q200
Product type
RTC module
C3 = 3.7 x 2.5 x 0.9 mm
RV - 8564 - C3 TA QC
TERMINATIONS AND
PROCESSING
Package
Termination
Processing
SON-10
Au flashed pads
IPC/JEDEC J-STD-020C
260°C / 20 - 40 s
ORDERING INFORMATION
All specifications subject to change without notice.
ENVIRONMENTAL
CHARACTERISTICS
Conditions
Max. Dev.
Storage temp. range
–55 to +125°C
TA Operating temperature range
–40 to +85°C
Shock resistance
ΔF/F 5000 g, 0.3 ms, ½ sine ±5 ppm
Vibration resistance
ΔF/F
20 g / 10–2000 Hz
±5 ppm
ELECTRICAL CHARACTERISTICS
AT 25°C
1) Tighter frequency tolerances on request.
More detailed information can be found in the
Application Manual.
Symbol
Condition
Min. Typ. Max Unit
Supply voltage
VDD
I2C-bus active
1.8
5.5
V
Supply voltage
VDD
Time keeping
1.0
5.5
V
Current consumption
Time keeping mode
IDDO
I2C-bus inactive,
VDD = 3 V
250 350
nA
CLKOUT frequency
FCLKOUT Programmable
32768/1024/32/1
Hz
Freq. tol. typ./max.
Δ
F/F
@ 25°C
±10 / ±20 1)
ppm
Aging first year max.
Δ
F/F
@ 25°C
±3
ppm
PIN CONNECTIONS
TOP VIEW
M723A1
8564
#1
#5
#6
#10
Pin 1 Index
Product Date Code
Part Designation
Pin
Connection
1
CLKOE
Clock Output Enable
2
VDD
Power Supply Voltage
3
CLKOUT Clock Output
4
SCL
Serial Clock Input
5
SDA
Serial Data
6
INT
Interrupt Output
7
VSS
Ground
8
NC
Not connected
9
NC
Not connected
10
NC
Not connected
-160
-140
-120
-100
-80
-60
-40
-20
0
20
-60
-40
-20
0
20
40
60
80
100
T[°C]
T
0 = 25°C ±5°C
–0.035*(T-T
0)
2
ppm ±10%
Tuning Fork Crystal
FREQUENCY TEMPERATURE
CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com