Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7652ACP Datasheet(PDF) 13 Page - Analog Devices

Part # AD7652ACP
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652ACP Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7652ACP Datasheet HTML 9Page - Analog Devices AD7652ACP Datasheet HTML 10Page - Analog Devices AD7652ACP Datasheet HTML 11Page - Analog Devices AD7652ACP Datasheet HTML 12Page - Analog Devices AD7652ACP Datasheet HTML 13Page - Analog Devices AD7652ACP Datasheet HTML 14Page - Analog Devices AD7652ACP Datasheet HTML 15Page - Analog Devices AD7652ACP Datasheet HTML 16Page - Analog Devices AD7652ACP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD7652
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
0
–4
–3
–1
–2
0
3
2
1
4
16384
32768
65536
49152
02965-0-023
Figure 5. Integral Nonlinearity vs. Code
CODE IN HEX
7FFB
0
20000
60000
40000
80000
140000
120000
8000 8001
8003
8002
02965-0-027
8004
7FFC 7FFD 7FFE 7FFF
100000
00
0
0
70
477
112112
111974
25889
10598
Figure 6. Histogram of 261,120 Conversions of a
DC Input at the Code Transition
FREQUENCY (kHz)
0
–180
–160
–120
–140
–100
–60
–80
0
100
150
250
200
02965-0-029
50
–40
–20
fS = 500kSPS
fIN = 102kHz
SNR = 83.4dB
THD = 90.9dB
SFDR = 91.2dB
S/[N+D] = 82.8dB
Figure 7. FFT Plot
CODE
0
–1.0
–0.5
0.5
0
1.0
2.0
1.5
16384
32768
65536
49152
02966-0-026
Figure 8. Differential Nonlinearity vs. Code
CODE IN HEX
0
20000
80000
40000
100000
160000
120000
8000
8001
8003
8002
02965-0-028
8004
7FFC 7FFD 7FFE 7FFF
0
110
8659
801
10
60000
144958
41624
64967
140000
Figure 9. Histogram of 261,120 Conversions of a
DC Input at the Code Center
FREQUENCY (kHz)
1
76
79
82
88
100
02965-0-030
1000
10
85
14.5
12.5
13.0
13.5
14.0
ENOB
SNR
S/[N+D]
Figure 10. SNR, S/(N+D), and ENOB vs. Frequency
Rev. 0 | Page 12 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com