Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7790 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7790
Description  Low Power, 16-Bit Buffered Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7790 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7790 Datasheet HTML 9Page - Analog Devices AD7790 Datasheet HTML 10Page - Analog Devices AD7790 Datasheet HTML 11Page - Analog Devices AD7790 Datasheet HTML 12Page - Analog Devices AD7790 Datasheet HTML 13Page - Analog Devices AD7790 Datasheet HTML 14Page - Analog Devices AD7790 Datasheet HTML 15Page - Analog Devices AD7790 Datasheet HTML 16Page - Analog Devices AD7790 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD7790
Data Sheet
Rev. A | Page 12 of 20
Bit Location
Bit Name
Description
MR2
0
This bit must be programmed with a Logic 0 for correct operation.
MR1
BUF
Configures the ADC for buffered or unbuffered mode of operation. If cleared, the ADC operates in un-
buffered mode, lowering the power consumption of the device. If set, the ADC operates in buffered
mode, allowing the user to place source impedances on the front end without contributing gain errors
to the system.
MR0
0
This bit must be programmed with a Logic 0 for correct operation.
Table 10. Operating Modes
MD1
MD0
Mode
0
0
Continuous Conversion Mode (De-
fault)
0
1
Reserved
1
0
Single Conversion Mode
1
1
Power-Down Mode
Table 11. Analog Input Ranges
G1
G0
Range
AD7790 LSB Size with VREF = +2.5 V
(µV)
0
0
±VREF
76.3
0
1
±VREF/2
38.14
1
0
±VREF/4
19.07
1
1
±VREF/8
9.54
FILTER REGISTER (RS1, RS0 = 1, 0; POWER-ON/RESET = 0x04)
The filter register is an 8-bit register from which data can be read or to which data can be written. This register is used to set the output
word rate. Table 12 outlines the bit designations for the filter register. FR0 through FR7 indicate the bit locations, FR denoting the bits are in
the filter register. FR7 denotes the first bit of the data stream. The number in brackets indicates the power-on/reset default status of that bit.
FR7
FR6
FR5
FR4
FR3
FR2
FR1
FR0
0(0)
0(0)
CDIV1(0)
CDIV0(0)
0(0)
FS2(1)
FS1(0)
FS0(0)
Table 12. Filter Register Bit Designatins
Bit Location
Bit Name
Description
FR7–FR6
0
These bits must be programmed with a Logic 0 for correct operation.
FR5–FR4
CLKDIV1–
CDIV0
These bits are used to operate the AD7790 in the lower power modes. The clock is internally divided and
the power is reduced.
00
Normal Mode
01
Clock Divided by 2
10
Clock Divided by 4
11
Clock Divided by 8
FR3
0
This bit must be programmed with a Logic 0 for correct operation.
FR2–FR0
FS2–FS0
These bits set the output word rate of the ADC. The update rate influences the 50 Hz/60 Hz rejection and
noise. The noise is the same for all gain settings. See Table 13 for the allowable update rates in full power
mode. In the low power modes, the update rates will be reduced. (See Reduced Current Modes.)
Table 13. Update Rates
FS2
FS1
FS0
fADC (Hz)
f3dB (Hz)
RMS Noise (µV)
Rejection
0
0
0
120
28
40
25 dB @ 60 Hz
0
0
1
100
24
25
25 dB @ 50 Hz
0
1
0
33.3
8
3.36
0
1
1
20
4.7
1.6
80 dB @ 60 Hz
1
0
0
16.6
4
1.5
65 dB @ 50 Hz/60 Hz (Default Setting)
1
0
1
16.7
4
1.5
80 dB @ 50 Hz
1
1
0
13.3
3.2
1.2
1
1
1
9.5
2.3
1.1
62 dB @ 50/60 Hz
DATA REGISTER (RS1, RS0 = 1, 1; POWER-ON/RESET = 0x0000)
The conversion result from the ADC is stored in this data register. This is a read-only register. On completion of a read operation from
this register, the RDY bit/pin is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com