Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7666ACPR Datasheet(PDF) 22 Page - Analog Devices

Part # AD7666ACPR
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7666ACPR Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7666ACPR Datasheet HTML 18Page - Analog Devices AD7666ACPR Datasheet HTML 19Page - Analog Devices AD7666ACPR Datasheet HTML 20Page - Analog Devices AD7666ACPR Datasheet HTML 21Page - Analog Devices AD7666ACPR Datasheet HTML 22Page - Analog Devices AD7666ACPR Datasheet HTML 23Page - Analog Devices AD7666ACPR Datasheet HTML 24Page - Analog Devices AD7666ACPR Datasheet HTML 25Page - Analog Devices AD7666ACPR Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AD7666
Rev. 0 | Page 21 of 28
CONVERSION CONTROL
Figure 33 shows the detailed timing diagrams of the conversion
process. The AD7666 is controlled by the CNVST signal, which
initiates conversion. Once initiated, it cannot be restarted or
aborted, even by the power-down input PD, until the conversion
is complete. CNVST operates independently of CS and RD.
Conversions can be automatically initiated with the AD7666. If
CNVST is held LOW when BUSY is LOW, the AD7666 controls
the acquisition phase and automatically initiates a new
conversion. By keeping CNVST LOW, the AD7666 keeps the
conversion process running by itself. It should be noted that the
analog input must be settled when BUSY goes LOW. Also, at
power-up, CNVST should be brought LOW once to initiate the
conversion process. In this mode, the AD7666 can run slightly
faster than the guaranteed 500 kSPS.
Although CNVST is a digital signal, it should be designed with
special care with fast, clean edges, and levels with minimum
overshoot and undershoot or ringing.
The CNVST trace should be shielded with ground and a low
value serial resistor (i.e., 50 Ω) termination should be added
close to the output of the component that drives this line.
For applications where SNR is critical, the CNVST signal should
have very low jitter. This may be achieved by using a dedicated
oscillator for CNVST generation, or to clock CNVST with a
high frequency, low jitter clock, as shown in Figure 26.
BUSY
MODE
t2
t1
t3
t4
t5
t6
t7
t8
ACQUIRE
CONVERT
ACQUIRE
CONVERT
CNVST
Figure 33. Basic Conversion Timing
t9
t8
RESET
DATA
BUSY
CNVST
Figure 34. RESET Timing
t1
t3
t4
t11
BUSY
DATA
BUS
CS = RD = 0
t10
PREVIOUS CONVERSION DATA
NEW DATA
CNVST
Figure 35. Master Parallel Data Timing for Reading (Continuous Read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com