Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7791 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7791
Description  Low Power, Buffered 24-Bit Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7791 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7791 Datasheet HTML 9Page - Analog Devices AD7791 Datasheet HTML 10Page - Analog Devices AD7791 Datasheet HTML 11Page - Analog Devices AD7791 Datasheet HTML 12Page - Analog Devices AD7791 Datasheet HTML 13Page - Analog Devices AD7791 Datasheet HTML 14Page - Analog Devices AD7791 Datasheet HTML 15Page - Analog Devices AD7791 Datasheet HTML 16Page - Analog Devices AD7791 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD7791
Data Sheet
Rev. A | Page 12 of 20
Bit Location
Bit Name
Description
MR5–MR4
0
This bit must be programmed with a Logic 0 for correct operation.
MR3
BO
Burnout Current Enable Bit. When this bit is set to 1 by the user, the 100 nA current sources in the signal
path are enabled. When BO = 0, the burnout currents are disabled. The burnout currents can be enabled
only when the buffer is active.
MR2
U/B
Unipolar/Bipolar Bit. Set by user to enable unipolar coding, i.e., zero differential input will result in
0x000000 output and a full-scale differential input will result in 0xFFFFFF output. Cleared by the user to
enable bipolar coding. Negative full-scale differential input will result in an output code of 0x000000,
zero differential input will result in an output code of 0x800000, and a positive full-scale differential input
will result in an output code of 0xFFFFFF.
MR1
BUF
Configures the ADC for buffered or unbuffered mode of operation. If cleared, the ADC operates in un-
buffered mode, lowering the power consumption of the device. If set, the ADC operates in buffered
mode, allowing the user to place source impedances on the front end without contributing gain errors
to the system.
MR0
0
This bit must be programmed with a Logic 0 for correct operation.
Table 10. Operating Modes
MD1
MD0
Mode
0
0
Continuous Conversion Mode (De-
fault)
0
1
Reserved
1
0
Single Conversion Mode
1
1
Power-Down Mode
FILTER REGISTER (RS1, RS0 = 1, 0; POWER-ON/RESET = 0x04)
The filter register is an 8-bit register from which data can be read or to which data can be written. This register is used to set the output
word rate. Table 11 outlines the bit designations for the filter register. FR0 through FR7 indicate the bit locations, FR denoting the bits are in
the filter register. FR7 denotes the first bit of the data stream. The number in brackets indicates the power-on/reset default status of that bit.
FR7
FR6
FR5
FR4
FR3
FR2
FR1
FR0
0(0)
0(0)
CDIV1(0)
CDIV0(0)
0(0)
FS2(1)
FS1(0)
FS0(0)
Table 11. Filter Register Bit Designations
Bit Location
Bit Name
Description
FR7–FR6
0
These bits must be programmed with a Logic 0 for correct operation.
FR5–FR4
CLKDIV1–
CDIV0
These bits are used to operate the AD7791 in the lower power modes. The clock is internally divided and
the power is reduced. In the low power modes, the update rates will scale with the clock frequency so
that dividing the clock by 2 causes the update rate to be reduced by a factor of 2 also.
00
Normal Mode
01
Clock Divided by 2
10
Clock Divided by 4
11
Clock Divided by 8
FR3
0
This bit must be programmed with a Logic 0 for correct operation.
FR2–FR0
FS2–FS0
These bits set the output word rate of the ADC. The update rate influences the 50 Hz/60 Hz rejection and
the noise. See Table 12, which shows the allowable update rates when normal power mode is used. In
the low power modes, the update rate is scaled with the clock frequency. For example, if the internal
clock is divided by a factor of 2, the corresponding update rates will be divided by 2 also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com