Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXBD4410PI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXBD4410PI
Description  ISOSMART Half Bridge Driver Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBD4410PI Datasheet(HTML) 1 Page - IXYS Corporation

  IXBD4410PI Datasheet HTML 1Page - IXYS Corporation IXBD4410PI Datasheet HTML 2Page - IXYS Corporation IXBD4410PI Datasheet HTML 3Page - IXYS Corporation IXBD4410PI Datasheet HTML 4Page - IXYS Corporation IXBD4410PI Datasheet HTML 5Page - IXYS Corporation IXBD4410PI Datasheet HTML 6Page - IXYS Corporation IXBD4410PI Datasheet HTML 7Page - IXYS Corporation IXBD4410PI Datasheet HTML 8Page - IXYS Corporation IXBD4410PI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
© 2004 IXYS All rights reserved
IXBD4410
IXBD4411
ISOSMARTTM Half Bridge Driver Chipset
IXYS reserves the right to change limits, test conditions and dimensions.
Type
Description
Package
Temperature Range
IXBD4410PI
Full-Feature Low-Side Driver 16-Pin P-DIP
-40 to +85
°C
IXBD4411PI
Full-Feature High-Side Driver 16-Pin P-DIP
-40 to +85
°C
IXBD4410SI
Full-Feature Low-Side Driver 16-Pin SO
-40 to +85
°C
IXBD4411SI
Full-Feature High-Side Driver 16-Pin SO
-40 to +85
°C
The IXBD4410/IXBD4411 ISOSMART
chipset is designed to control the gates
of two Power MOSFETs or Power
IGBTs that are connected in a half-
bridge (phase-leg) configuration for
driving multiple-phase motors, or used
in applications that require half-bridge
power circuits. The IXBD4410/
IXBD4411 is a full-feature chipset
consisting of two 16-Pin DIP or SO
devices interfaced and isolated by two
small-signal ferrite pulse transformers.
The small-signal transformers provide
greater than 1200 V isolation.
Even with commutating noise ambients
greater than
±50 V/ns and up to 1200 V
potentials, this chipset establishes
error-free two-way communications
between the system ground-reference
IXBD4410 and the inverter output-
reference IXBD4411. They incorporate
undervoltage V
DD or VEE lockout and
overcurrent or desaturation shutdown
to protect the IGBT or Power MOSFET
devices from damage.
The chipset provides the necessary
gate drive signals to fully control the
grounded-source low-side power
device as well as the floating-source
high-side power device. Additionally,
the IXBD4410/4411 chipset provides a
negative-going, off-state gate drive
signal for improved turn-off of IGBTs or
Power MOSFETs and a system logic-
compatible status fault output FLT to
indicate overcurrent or desaturation,
and undervoltage V
DD or VEE. During a
status fault, both chipset keep their
respective gate drive outputs off; at
V
EE.
540 V-
Features
1200 V or greater low-to-high side
isolation.
Drives Power Systems Operating on
up to 575 V AC mains
dv/dt immunity of greater than
±50V/ns
Proprietary low-to-high side level
translation and communication
On-chip negative gate-drive supply
to ensure Power MOSFET or IGBT
turn-off and to prevent gate noise
interference
5 V logic compatible HCMOS inputs
with hysteresis
Available in either the 16-Pin DIP or
the 16-Pin wide-body, small-outline
plastic package
20 ns switching time with 1000 pF
load; 100 ns switching time with
10,000 pF load
100 ns propagation delay time
2 A peak output drive capability
Self shut-down of output in response
to over-current or short-circuit
Under-voltage and over-voltage V
DD
lockout protection
Protection from cross conduction of
the half bridge
Logic compatible fault indication
from both low and high-side driver
Applications
1- or 3-Phase Motor Controls
Switch Mode Power Supplies
(SMPS)
Uninterruptible Power Supplies
(UPS)
Induction Heating and Welding
Systems
Switching Amplifiers
General Power Conversion Circuits


Similar Part No. - IXBD4410PI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBA10N300HV IXYS-IXBA10N300HV Datasheet
267Kb / 6P
High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBA12N300HV IXYS-IXBA12N300HV Datasheet
253Kb / 5P
High Voltage, High Gain BiMOSFETTM Monolithic Bipolar MOS Transistor
IXBA14N300HV IXYS-IXBA14N300HV Datasheet
365Kb / 6P
High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBA16N170AHV IXYS-IXBA16N170AHV Datasheet
168Kb / 2P
High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBF10N300C IXYS-IXBF10N300C Datasheet
226Kb / 6P
High Voltage, High Frequency, BiMOSFETTM Monolithic Bipolar MOS Transistor
More results

Similar Description - IXBD4410PI

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com