Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3AIPFP Datasheet(PDF) 17 Page - Texas Instruments

Part # TSB41BA3AIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3AIPFP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TSB41BA3AIPFP Datasheet HTML 13Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 14Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 15Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 16Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 17Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 18Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 19Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 20Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
TYP†
MAX
UNIT
Supply voltage, 3.3 VDD
Source power node
3
3.3
3.6
V
Supply voltage, 3.3 VDD
Nonsource power node
3‡
3.3
3.6
V
Supply voltage, 1.8 VDD
TSB41BA3A
1.7
1.85
2
V
Supply voltage, 1.8 VDD
TSB41BA3AI
1.75
1.85
2
V
LREQ, CTL0, CTL1, D0−D7, LCLK_PMC
2.6
High-level input voltage, VIH
S5_LKON, S4, S3, S2_PC0, S1_PC1, S0_PC2,
SLPEN, PD, BMODE, TPBIAS0_SD0,
TPBIAS1_SD1, TPBIAS2_SD2
0.7
×VDD
V
RESETz
0.6
×VDD
LREQ, CTL0, CTL1, D0−D7, LCLK_PMC
1.2
V
Low-level input voltage, VIL
S5_LKON, S4, S3, S2_PC0, S1_PC1, S0_PC2,
SLPEN, PD, BMODE, TPBIAS0_SD0,
TPBIAS1_SD1, TPBIAS2_SD2
0.2
×VDD
RESETz
0.3
×VDD
Output current, IOL/OH
CTL0, CTL1, D0−D7, S5_LKON, PINT, PCLK
−4
4
mA
Output current, IO
TPBIAS outputs
−5.6
1.3
mA
RθJA = 19°C/W,
TA = 70°C
84.1
RθJA = 31.5_C/W, TA = 70°C
93.3
Maximum junction temperature, TJ
RθJA = 49.2_C/W, TA = 70°C
PFP package
106.4
Maximum junction temperature, TJ
(see RθJA values listed in thermal
characteristics table)
RθJA = 19°C/W,
TA = 85°C
PFP package
99.1
°C
(see RθJA values listed in thermal
characteristics table)
RθJA = 31.5_C/W, TA = 85°C
108.4
C
RθJA = 49.2_C/W, TA = 85°C
121.5
RθJA = 52.66_C/W, TA = 85°C
GGM package
124.5
1394b Differential input voltage, VID
Cable inputs, during data reception
200
800
mV
1394a Differential input voltage, VID
Cable inputs, during data reception
118
260
mV
1394a Differential input voltage, VID
Cable inputs, during arbitration
168
265
mV
1394a Common-mode input voltage, VIC
TPB cable inputs, source power node
0.4706
2.515
V
1394a Common-mode input voltage, VIC
TPB cable inputs, nonsource power node
0.4706
2.015‡
V
Power-up reset time, tpu
RESETz input
2§
ms
TPA, TPB cable inputs, S100 operation
±1.08
Receive input jitter
TPA, TPB cable inputs, S200 operation
±0.5
ns
Receive input jitter
TPA, TPB cable inputs, S400 operation
±0.315
ns
Between TPA and TPB cable inputs, S100 operation
±0.8
Receive input skew
Between TPA and TPB cable inputs, S200 operation
±0.55
ns
Receive input skew
Between TPA and TPB cable inputs, S400 operation
±0.5
ns
† All typical values are at VDD = 3.3 V and TA = 25°C.
‡ For a node that does not source power, see Section 4.2.2.2 in IEEE 1394a-2000.
§ Time after valid clock received at PHY XI input terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com