Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFH30N50 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFH30N50
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH30N50 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFH30N50 Datasheet HTML 1Page - IXYS Corporation IXFH30N50 Datasheet HTML 2Page - IXYS Corporation IXFH30N50 Datasheet HTML 3Page - IXYS Corporation IXFH30N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
Pulse Width - Seconds
10-3
10-2
10-1
100
101
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.00
0.40
V
DS - Volts
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Crss
Coss
Ciss
V
SD - Volts
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
T
J=125
OC
T
J=25
OC
Gate Charge - nC
0
50
100
150
200
250
300
0
2
4
6
8
10
12
14
Vds=300V
I
D=30A
I
G=10mA
F = 1MHz
Crss
Coss
Ciss
V
GS= 0V
T
J=25
OC
Vds=300V
I
D=30A
I
G=10mA
F = 1MHz
30
V
DS - Volts
10
100
0.1
1
10
T
C = 25
OC
10 ms
1 ms
100 ms
DC
500
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure 9. Forward Voltage Drop of the
Intrinsic Diode
Figure 10. Transient Thermal Resistance
IXFH 30N50
IXFH 32N50
IXFT 30N50
IXFT 32N50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com