Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32C Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MJD32C
Description  Complementary Silicon Power Ttransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MJD32C Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MJD32C Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
±100
V
Collector-Emitter Voltage
V
CEO
±100
V
Emitter-Base Voltage
V
EBO
±6.0
V
Collector Current
I
C
±3.0
A
Base Current
I
B
±1.0
A
Total Dissipation at
P
tot
20
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
MJD31C / 32C
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
I
CEO
V
CB= ±100V, IE=0
—
—
±10
uA
Emitter Cut-off Current
I
EBO
V
EB= ±5.0V, IC=0
—
—
±10
uA
Collector-Emitter Sustaining Voltage
V
CEO
I
C= ±10mA, IB=0
±100
—
—
V
DC Current Gain
h
FE(1)
V
CE= ±4.0V, IC= ±1.0A
30
—
—
h
FE(2)
V
CE= ±4.0V, IC= ±3.0A
10
—
60
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C= ±3.0A,IB= ±375mA
—
—
±1.2
V
Base-Emitter on Voltage
V
BE(on)
V
CE= ±4.0V,IC= ±3.0A
—
—
±1.8
V
Current Gain Bandwidth Product
f
T
V
CE= ±10V,IC= ±500mA
3.0
—
—
MHz
Complementary Silicon Power Ttransistors
Product specification
It is intented for use in power
amplifier and switching applications.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TO-252
:
1
B
:
2
C
:
3
E
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MJD32C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
150Kb / 6P
SILICON POWER TRANSISTORS
1998
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
May-1999
logo
Fairchild Semiconductor
MJD32C FAIRCHILD-MJD32C Datasheet
49Kb / 5P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
173Kb / 9P
Low voltage PNP power transistor
25-Jun-2007
More results

Similar Description - MJD32C

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SB817 TGS-2SB817 Datasheet
70Kb / 1P
Complementary Silicon Power Ttransistors
2SB546A TGS-2SB546A Datasheet
132Kb / 1P
Complementary Silicon Power Ttransistors
BD139 TGS-BD139 Datasheet
59Kb / 1P
Complementary Silicon Power Ttransistors
BDX53C TGS-BDX53C Datasheet
72Kb / 1P
Complementary Silicon Power Darlington Ttransistors
BDX53F TGS-BDX53F Datasheet
72Kb / 1P
Complementary Silicon Power Darlington Ttransistors
MJE3055T TGS-MJE3055T Datasheet
93Kb / 1P
Complementary Silicon Power Ttransistors
TIP31C TGS-TIP31C Datasheet
85Kb / 1P
Complementary Silicon Power Ttransistors
TIP41C TGS-TIP41C Datasheet
89Kb / 1P
Complementary Silicon Power Ttransistors
BDX53F-E TGS-BDX53F-E Datasheet
66Kb / 1P
Complementary Silicon Power Darlington Ttransistors
MJD41C TGS-MJD41C Datasheet
368Kb / 1P
Complementary Silicon Power Ttransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com