Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

164C10339X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 164C10339X
Description  D-SUB Female 25pos. Solder pin straight with threaded insert
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

164C10339X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  164C10339X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
scale
/Maßstab:
27.09.16
27.09.16
Lehmenkühler
Name
Henneboel
R
R
R
R
dim. in mm
16K1A3844
dwg no /
Z.-nr.:
RoHS & REACH compliant/konform
Date/Datum
appd./
gepr..
drawn
/
gez.
DIN-
A3
D-SUB Female 25pos. Solder pin straight
with threaded insert
D-SUB Buchsenleiste 25pol. Lötstift gerade
mit Gewindeeinsatz
2:1
Index:
b Ä6332 27.09.16 K.H.
Status: InBearbeitung
1 / 1
164o10339X CONEC ABC
PCB hole drillings
( PCB top side ) /
Leiterplattenbohrbild
( Leiterplatten Oberseite )
Contact plating/
Kontakt Veredelung:
Part no. / Part Marked/
Art.-Nr./ Bedruckung:
164A10339X
30 µin Hard Gold over min. 50 µin Nickel
30 µin Gold über min. 50 µin Nickel
20 µin Hard Gold over min. 50 µin Nickel
20 µin Gold über min. 50 µin Nickel
Gold Flash over Nickel
Gold über Nickel
164B10339X
164C10339X
Technical specification:
Technische Daten:
Current rating/
Strombelastbarkeit:
Insultion resistance/
Isolationswiderstand:
Working voltage/
Betriebsspannung:
125 V AC
-55 °C ... +125 °C
>5 G
Ö
7,5 A (UL) / 5 A (CSA, VDE)
Temperature range/
Temperaturbereich:
Mating cycles/
Steckzyklen:
Quality class 1 = 500
Gütestufe 1
Quality class 2 = 200
Gütestufe 2
Quality class 3 = 50
Gütestufe 3
Dielectric withstanding
voltage/
Spannungsfestigkeit:
1000 V, 50 Hz, 1 min.
Materials/
Werkstoffe:
Contact/
Kontakt:
Cu alloy, Au over Ni
Insulator/
Isolierkörper:
Shell/
Gehäuse:
PBT GF UL 94 V-0, black/schwarz
Steel, Sn over Ni
Collar/
Scheibe:
Cu alloy, Sn over Ni
Threaded insert/
Gewindeeinsatz:
Cu alloy, Sn over Ni
b
b
1
47,04 `0,13
4-40 UNC
0,64 `0,05
n
(25x)
8 - 0,23
0,02
+
38,51 -0,26
0
+
47,04 `0,13
53,09 -0,43
0,33
+
10°
2,77 `0,1
5,54 `0,1
8,28 `0,1
11,05 `0,1
13,82 `0,1
16,56 `0,1
1,4 `0,1
4,14 `0,1
6,91 `0,1
9,68 `0,1
12,42 `0,1
15,19 `0,1
3,1 `0,1
n
(2x)
1 - 0
0,1
+
n
(25x)
Threaded insert/
Gewindeeinsatz
Installation specifiation/
Montagedaten:
Maximum torque
Value for thread/
empfohlenes Drehmoment
für Gewinde:
6 in.LB/
67 Ncm


Similar Part No. - 164C10339X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
164C10319X CONEC-164C10319X Datasheet
237Kb / 1P
D-SUB FEMALE
164C10329X CONEC-164C10329X Datasheet
265Kb / 1P
D-SUB Female 15pos. Solder pin straight
164C10349X CONEC-164C10349X Datasheet
423Kb / 2P
D-SUB Female 37pos. Solder pin straight with threaded insert
164C10379X CONEC-164C10379X Datasheet
318Kb / 1P
D-SUB Female 15pos. Solder pin straight with threaded insert
16.03.2020
164C10399X CONEC-164C10399X Datasheet
553Kb / 2P
D-SUB Female 37pos. Solder pin straight with threaded insert
18.09.2018
More results

Similar Description - 164C10339X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
164A10349X CONEC-164A10349X Datasheet
423Kb / 2P
D-SUB Female 37pos. Solder pin straight with threaded insert
164A10379X CONEC-164A10379X Datasheet
318Kb / 1P
D-SUB Female 15pos. Solder pin straight with threaded insert
16.03.2020
164A10399X CONEC-164A10399X Datasheet
553Kb / 2P
D-SUB Female 37pos. Solder pin straight with threaded insert
18.09.2018
24-002623 CONEC-24-002623 Datasheet
487Kb / 2P
D-SUB C-Filter Female 25pos. Solder cup with threaded insert
05.01.2022
6STD25PAM99B20X CONEC-6STD25PAM99B20X Datasheet
287Kb / 2P
D-SUB MALE 25pos. SOLDER PIN STRAIGHT with threaded insert and hexlocking screw
10.02.11
6STD25PAR99B20X CONEC-6STD25PAR99B20X Datasheet
157Kb / 2P
D-SUB MALE 25pos. SOLDER PIN STRAIGHT with threaded insert and hexlocking screw
01.07.2010
6STD25PAR99B30X CONEC-6STD25PAR99B30X Datasheet
289Kb / 2P
D-SUB MALE 25pos. SOLDER PIN STRAIGHT with threaded insert and hexlocking screw
05.08.09
6STD25PCR99B30X CONEC-6STD25PCR99B30X Datasheet
289Kb / 2P
D-SUB MALE 25pos. SOLDER PIN STRAIGHT with threaded insert and hexlocking screw
05.08.09
6STD25SAR99B20X CONEC-6STD25SAR99B20X Datasheet
239Kb / 2P
D-SUB FEMALE 25pos. SOLDER PIN STRAIGHT with threaded insert and hexlocking screw
29.04.14
6STD25SAR99B30X CONEC-6STD25SAR99B30X Datasheet
238Kb / 2P
D-SUB FEMALE 25pos. SOLDER PIN STRAIGHT with threaded insert and hexlocking screw
13.01.14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com