Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS52BF Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SS52BF
Description  Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SS52BF Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SS52BF Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SS52BF Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Schottky Barrier Rectifier
Reverse Voltage - 20 to 200V
Forward Current - 5.0A
FEATURES
• Metal silicon junction, majority carrier conduction
• For surface mounted applications
• Low power loss, high efficiency
• High forward surge current capability
• For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Absolute Maximum Ratings and Electrical characteristics
Ratings at
ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load,
for capacitive load, derate by 20 %
25
°C
MECHANICAL DATA
pprox. Weight: 57
• Case: SMBF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
mg / 0.002oz
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
Typical Junction Capacitance
20
40
V
14
28
V
V
5.0
-55 ~ +125
A
A
V
mA
pF
°C
Units
20
40
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 5 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
SS52BF
SS54BF
SS56BF
SS58BF
SS510BF SS512BF SS515BF SS520BF
T = 25
°C
a
T =100
°C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
Tj
Symbols
Tstg
Storage Temperature Range
60
42
60
80
56
80
100
100
0.55
0.70
0.85
800
-55 ~ +150
°C
120
120
150
105
150
200
140
200
1.0
50
500
2)
40
Typical Thermal Resistance
RθJA
°C/W
150
70
84
0.45
1)
Measured at 1MHz and applied reverse voltage of 4 V D.C.
2)
P.C.B. mounted with 0.5 X 0.5" (12.7 X 12.7 mm) copper pad areas.
1)
SS52BF THRU SS520BF
SMBF
0.201(5.10)
0.217(5.50)
0.166(4.20)
0.174(4.40)
0.137(3.50)
0.145(3.70)
0.075(1.90)
0.087(2.20)
Dimensions in inches and (millimeters)
Cathode Band
Top View
0.055(1.40)
0.043(1.10)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
1


Similar Part No. - SS52BF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SS52BF CHENDA-SS52BF Datasheet
742Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS52BF YFWDIODE-SS52BF Datasheet
164Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Xian Semipower Electron...
SS52BF SEMIPOWER-SS52BF Datasheet
121Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Jiangsu High diode Semi...
SS52BF HDSEMI-SS52BF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
logo
Zibo Seno Electronic En...
SS52BF ZSELEC-SS52BF Datasheet
129Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS52BF

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com