Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1AF Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # US1AF
Description  1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

US1AF Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  US1AF Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. US1AF Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristic
Symbol
US1AF US1BF US1DF US1GF US1JF US1KF US1MF Unit
US1AF THRU US1MF
GAOMI XINGHE ELECTRONICS CO.,LTD.                        WWW.SDDZG.COM
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Maximum Ratings and Electrical Characteristics
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 75
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30
A
Forward Voltage Drop
@ IF = 1.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 2)
trr
50
75
ns
Typical Junction Capacitance (Note 1)
Cj
20
10
pF
Typical Thermal Resistance, Junction to Terminal
RqJT
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
XINGHE ELECTRONICS
星合电子
1
0.179(4.40)
0.199(5.05)
0.150(3.80)
0.035(0.90)
SMAF
Cathode Band
Top View
0.128(3.25)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.055(1.40)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)
Features
·
Glass Passivated Die Construction
·
Diffused Junction
·
Ultra-Fast Recovery Time for High Efficiency
·
Low Forward Voltage Drop, High Current
Capability, and Low Power Loss
·
Surge Overload Rating to 30A Peak
·
Ideally Suited for Automated Assembly
·
Plastic Material: UL Flammability
Classification Rating 94V-0
MECHANICAL DATA
pprox. Weight:
• Case: SMAF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
27mg 0.00086oz
XH
Dimensions in inches and (millimeters)


Similar Part No. - US1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1AF PANJIT-US1AF Datasheet
285Kb / 5P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
Ultra Fast Recovery Diodes
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
1.0A Ultra Fast Recovery Rectifier
logo
Microdiode Semiconducto...
US1AF CHENDA-US1AF Datasheet
627Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1AF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
US1A DIODES-US1A_09 Datasheet
148Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 9 - 2
US1J-13-F DIODES-US1J-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1J-13 DIODES-US1J-13 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
DS16008 DIODES-DS16008 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1D-13-F DIODES-US1D-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 11
US1JDFQ DIODES-US1JDFQ Datasheet
414Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev erse
US1GWF DIODES-US1GWF Datasheet
526Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com