Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1AW Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # US1AW
Description  1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

US1AW Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  US1AW Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. US1AW Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAOMI XINGHE ELECTRONICS CO.,LTD.                           WWW.SDDZG.COM
US1DW
Maximum Ratings and Electrical Characteristics
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Features
TA = 25
°C unless otherwise specified
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A.
·
Glass Passivated Die Construction
·
Diffused Junction
·
Ultra-Fast Recovery Time for High Efficiency
·
Low Forward Voltage Drop, High Current
Capability, and Low Power Loss
·
Surge Overload Rating to 30A Peak
·
Ideally Suited for Automated Assembly
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 75
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30
A
Forward Voltage Drop
@ IF = 1.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 2)
trr
50
75
ns
Typical Junction Capacitance (Note 1)
Cj
20
10
pF
Typical Thermal Resistance, Junction to Terminal
RqJT
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
SOD-123FL
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
星合电子
XINGHE ELECTRONICS
1
Symbol US1AW
US1DW US1GW US1JW US1KW US1MW Unit
US1BW
W
US1AW THRU US1MW
Case : Molded plastic, JEDECSOD123 / MINISMA
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.04 gram
·
·
·
·
·
XH


Similar Part No. - US1AW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1AW PANJIT-US1AW Datasheet
68Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
US1AW PANJIT-US1AW Datasheet
97Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US1AW YFWDIODE-US1AW Datasheet
77Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Xian Semipower Electron...
US1AW SEMIPOWER-US1AW Datasheet
153Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
US1AW ZSELEC-US1AW Datasheet
97Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
More results

Similar Description - US1AW

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
US1A DIODES-US1A_09 Datasheet
148Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 9 - 2
US1J-13-F DIODES-US1J-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1J-13 DIODES-US1J-13 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
DS16008 DIODES-DS16008 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1D-13-F DIODES-US1D-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 11
US1JDFQ DIODES-US1JDFQ Datasheet
414Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev erse
US1GWF DIODES-US1GWF Datasheet
526Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com