Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2ABF Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # US2ABF
Description  2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

US2ABF Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  US2ABF Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. US2ABF Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US2ABF US2BBF US2DBF US2GBF US2JBF US2KBF US2MBF
US2ABF THRU US2MBF
.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
GAOMI XINGHE ELECTRONICS CO.,LTD.                        WWW.SDDZG.COM
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
XINGHE ELECTRONICS
星合电子
1
Characteristics
Symbol
U n i t
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @T =75 C
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 2.0A DC
Maximum DC Reverse Current @T =25 C
At Rated DC Blocking Voltage @T =100 C
Maximun Reverse Recocery Time(Note1)
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance (Note 3)
Operating Temperature Range
Storage Temperature Range
V
A
A
V
uA
C
C
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
C
J
T
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
-55 to+150
-55 to+150
F
C/W
2.Measured at 1.0MHz applied reverse voltage of 4.0V DC.
3.Unit Mounted on PC board with 5.0 mm (0.03mm thick) land areas.
2.0
50
1.0
1.30
5.0
350
25
25
J
J
1.70
P
R
Trr
50
ns
NOTES:1.Reverse Recovery Test Conditions: F=0.5A, R=1.0A,
=0.25A.
I
I
I
RR
T
A
A
T
100
2
2
Features
·
Glass Passivated Die Construction
·
Diffused Junction
·
Ultra-Fast Recovery Time for High Efficiency
·
Low Forward Voltage Drop, High Current
Capability, and Low Power Loss
·
Surge Overload Rating to 30A Peak
·
Ideally Suited for Automated Assembly
·
Plastic Material: UL Flammability
Classification Rating 94V-0
XH
MECHANICAL DATA
•
• Terminals: Solderable per MIL-STD-750, Method 2026
•
pprox. Weight: 57mg / 0.002oz
Case: SMBF
A
SMBF
0.201(5.10)
0.217(5.50)
0.166(4.20)
0.174(4.40)
0.137(3.50)
0.145(3.70)
0.075(1.90)
0.087(2.20)
Dimensions in inches and (millimeters)
Cathode Band
Top View
0.055(1.40)
0.043(1.10)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)


Similar Part No. - US2ABF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF Datasheet
602Kb / 2P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US2ABF YFWDIODE-US2ABF Datasheet
89Kb / 3P
Surface MountUltrafast Recovery Rectifier
logo
Guangdong Juxing Electr...
US2ABF JUXING-US2ABF Datasheet
634Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Xian Semipower Electron...
US2ABF SEMIPOWER-US2ABF Datasheet
127Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
Jiangsu High diode Semi...
US2ABF HDSEMI-US2ABF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
More results

Similar Description - US2ABF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF2A WTE-UF2A Datasheet
51Kb / 3P
2.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
ES2G DIODES-ES2G Datasheet
57Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. A-2
ES2A_ DIODES-ES2A_ Datasheet
501Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 10 - 2
ES2G DIODES-ES2G_1 Datasheet
193Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. 6 - 2
ES2G DIODES-ES2G_10 Datasheet
123Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 8 - 2 September 2010
US2JDF DIODES-US2JDF_15 Datasheet
499Kb / 5P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 6
US2JDFQ DIODES-US2JDFQ Datasheet
468Kb / 5P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev erse
logo
Gaomi Xinghe Electronic...
US2A GXELECTRONICS-US2A Datasheet
610Kb / 2P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
SF2DDF DIODES-SF2DDF Datasheet
638Kb / 5P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
January 2019 Rev. 6 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com